Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 30 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 30 Page - Micronas

Back Button CAP3001A Datasheet HTML 26Page - Micronas CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas CAP3001A Datasheet HTML 29Page - Micronas CAP3001A Datasheet HTML 30Page - Micronas CAP3001A Datasheet HTML 31Page - Micronas CAP3001A Datasheet HTML 32Page - Micronas CAP3001A Datasheet HTML 33Page - Micronas CAP3001A Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
30
Characteristics, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
dGAVOL
Analog Volume Step Size
(
*45 dB to 0 dB)
22 to 25
1.4
1.5
1.6
dB
IREIL
Reset Input Leakage Current
40
*10
)10
µA
ISUP
Supply Current
VSUPD
VSUPA
VSUP1
VSUP2
61
21
31
30
60
12
8
1.4
85
20
11
2.2
110
28
14
3
mA
VIMOL
IM Bus Data Output Low Voltage
41
0.4
V
VIMOH
IM Bus Data Output High Voltage
2.8
V
IIMOHL
IM Bus Data Output
High-Impedance Leakage Current
*10
)10
µA
IIMIL
IM Bus Input Leakage Current
*10
)10
µA
VTOH
VTOL
Digital Output High Voltage
Digital Output Low Voltage
57 to 59
4.0
0.4
V
VTIH
VTIL
Digital Input High Voltage
Digital Input Low Voltage
46 to 48
2.4
0.8
V
VTUNOUT
Synthesizer Output Voltage
AMTUNOUT, FMTUNOUT
27, 29
1.1
VSUP2
*1.1
V
VAGNDC0
AGNDC Open Circuit Voltage
18
2.15
2.25
2.35
V
ROUTAGND
AGNDC Output Resistance
at 27
°C
at
*20 to )85 °C
18
110
70
125
140
230
k
k
dVBAGNDC
Dev. of BAGNDC from AGNDC Vol.
17, 18
*20
)20
mV
ROUTBAGND
BAGNDC Output Resistance
(fsignal+1kHz, i+0.1 mA)
17
6
dVDAC
Deviation of DC Level at Audio Out-
puts from AGNDC Voltage
18, 22 to
25
*20
)20
mV
IOUTSYNTH
Synthesizer Current Source
Accuracy
27, 29
3.3
33
330
5
50
500
6.5
70
740
µA
PSRR
Power Supply Rejection Ratio
1 kHz
20 Hz to 20 kHz
21, 61,
31, 30,
22 to 25
50
40
dB
dVTUNOUT
Residual Noise of Synthes. Output
Volt. (BW 22Hz to 22 kHz, i
+5 µA)
2.2
µV
1) CD-Mode, fs+44.1 kHz
2) unused analog inputs connected to ground


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com