Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 29 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 29 Page - Micronas

Back Button CAP3001A Datasheet HTML 25Page - Micronas CAP3001A Datasheet HTML 26Page - Micronas CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas CAP3001A Datasheet HTML 29Page - Micronas CAP3001A Datasheet HTML 30Page - Micronas CAP3001A Datasheet HTML 31Page - Micronas CAP3001A Datasheet HTML 32Page - Micronas CAP3001A Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
29
Characteristics, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
CHSEPMPX
Stereo separation MPX
250 Hz to 6.3 kHz
6.3 kHz to 12.5 kHz
(coupling capacitor on MPX input at
least 1
µF)
7
40
30
dB
dB
SNRMPX
19 kHz
Suppression of unwanted signals in
MPX stereo reception:
19 kHz
38 kHz
57 kHz
114 kHz
measuring with bandpass at fsignal
45
45
60
60
dB
dB
dB
dB
SNRRDS2
Alias Band Suppression in RDS
Channel
(fsignal+57 kHz,
input level
+55 mVPP)
@ 171 kHz
@ 285 kHz
6, 7
60
70
dB
dB
SNRAVC
SNR A/D3
selected AVC channel
(Noise measurement RMS
unweighted, BW
+0 to 4 kHz, input
level
+*20 dBr, fsignal+1 kHz)
2
40
dB
SNRAD4
SNR A/D4
(Noise measurement RMS
unweighted, BW
+0 to 7 kHz, input
level
+*20 dBr, fsignal+1 kHz)
1, 67, 68
50
dB
THDAVC
THD A/D3
selected AVC channel
(RMS unweighted, BW
+0 to 4 kHz,
input level
+*3 dBr, fsignal+1 kHz)
2
2.2
%
THDAD4
THD A/D4
(RMS unweighted, BW
+0 to 7 kHz,
input level
+*3 dBr, fsignal+1 kHz
1, 67, 68
3.2
%
BWADDA
3 dB Bandwidth A/D to D/A
TAPE, AUX
(not provided in production test)
10 to 13,
22 to 25
18
kHz
BWDA
3 dB Bandwidth D/A
@fs=32 kHz
@fs=44.1 kHz
(not provided in production test)
22 to 25
15
20
kHz
kHz
dGAD
Channel deviation within active
input pair:
AUX, TAPE
AM
8 to 13
0.5
0.7
dB
dGDA
Channel deviation within each
output of: RR, RF, LR, LF
Analog attenuation = 0 to
*30 dB
=
*31.5 to*45 dB
22 to 25
0.5
0.9
dB


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com