Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 28 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 28 Page - Micronas

Back Button CAP3001A Datasheet HTML 24Page - Micronas CAP3001A Datasheet HTML 25Page - Micronas CAP3001A Datasheet HTML 26Page - Micronas CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas CAP3001A Datasheet HTML 29Page - Micronas CAP3001A Datasheet HTML 30Page - Micronas CAP3001A Datasheet HTML 31Page - Micronas CAP3001A Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
28
Characteristics, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VFMOSCI
FM OSC Input Voltage
35
40
300
mVRMS
fFMOSCI
FM OSC Input Frequency Range
60
150
MHz
SNRAD
SNR
A/D
(Noise measurement RMS un-
weighted, BW
+20 to 18000 Hz,
input level
+*20 dBr,
fsignal+1kHz)
7 to 13
82
85
dB
SNRDA
SNR
D/A
Analog Attenuation
+0 dB
Analog Attenuation
+45 dB
in MUTE position
(RMS, unweighted, BW
+20 to
20000 Hz1), input level
+*20
dBFS, fsignal+1kHz)
22 to 25
90
60
95
65
110
dB
dB
dB
SNRRDS1
SNR
A/D
selected MPX ARI/RDS channel
(Noise measurement RMS, un-
weighted, BW
+55 to 59 kHz,
input level
+55 mVPP
fsignal+57 kHz)
6, 7
38
dB
THDAD
THD
A/D
(RMS, unweighted, BW
+20 to
18000, input level
+*3 dBr,
fsignal+1 kHz)
7 to 13
0.03
%
THDDA
THD
D/A
(BW
+20 to 20000 Hz1), input
level
+*3 dBFS, fsignal+1kHz,
analog attenuation
+0 dB)
22 to 25
0.01
%
IMDAD
Intermodulation Distortion A/D
(fsignal+14 kHz)15 kHz, input
level sum
*3 dBr, measuring
1 kHz intermodulation)2)
7 to 13
0.01
%
XTALK1
Crosstalk attenuation within active
audio channel pair (input level
+*3 dBr, fsignal+1kHz, measur-
ing with bandpass at 1 kHz)2)
8 to 13
70
dB
XTALK2
Crosstalk attenuation from a non-
selected audio input pair (input
level
+*3 dBr, fsignal+1kHz,
measuring with bandpass at
1 kHz)2)
7 to 13
80
dB
XTALK3
Crosstalk attenuation between
audio input/output pairs (input lev-
el
+*3 dBr, fsignal+1kHz, mea-
suring with bandpass at 1 kHz)2)
7 to 13,
22 to 25
100
dB


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
   Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
   Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
   3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
   3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
   3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com