Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 27 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 27 Page - Micronas

Back Button CAP3001A Datasheet HTML 23Page - Micronas CAP3001A Datasheet HTML 24Page - Micronas CAP3001A Datasheet HTML 25Page - Micronas CAP3001A Datasheet HTML 26Page - Micronas CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas CAP3001A Datasheet HTML 29Page - Micronas CAP3001A Datasheet HTML 30Page - Micronas CAP3001A Datasheet HTML 31Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
27
3.1.8. Characteristics at TA+*20 to )85 °C, VSUP and VSUP1+4.75 to 5.25 V, VSUP2+7.5 to 9.5 V, fECLK+16.416
MHz, typical values at VSUP and VSUP1+5.0 V, VSUP2+8.5 V, Tj= 27°C and duty cycle = 50 %.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
ZAII1
Analog
Input
Impedance
(fsignal+1kHz, i+10 µA) AVC,
MPX1, MPX0, AM, AUX, TAPE
at Tj = 27°C
at Tj = *20 to )85 °C
2, 6 to 13
27
26
35
43
47
k
ZAII2
Analog Input Impedance FM, AM,
MP level
1, 67, 68
200
k
ZPOT
Analog Input Impedance POT1...5
2 to 6
200
k
VOSCI0
Open Circuit Voltage FMOSCIN,
AMOSCIN
33, 35
VSUP1
2
ROPOT
Output Resistance POT1 to 5 as
outputs, i
v5 mA
2 to 6
80
ROSCI
Analog Input Resistance
FMOSCIN, AMOSCIN,
FMOSCREF, AMOSCREF
at Tj =)27 °C
at Tj =*20 to )85 °C
33, 35
3.2
2.1
3.6
3.6
4
4.2
6.5
k
k
pF
RAO
Analog Output Resistance LF, LR,
RR, RF (fsignal+1kHz, i+1 mA)
at Tj = 27°C,
at Tj =*20 to)85 °C
22 to 25
470
440
600
730
790
VMPX0/1I
Input Voltage MPX0, MPX1
7, 6
2.0
VPP
VAML/RI
Input Voltage AML, AMR
8, 9
1.1
VRMS
VTAPER/
TAPELI
Input Voltage TAPER, TAPEL
12, 13
1.6
VRMS
VAUXR/LI
Input Voltage AUXR, AUXL
10, 11
1.1
VRMS
VAVCI
Input Voltage AVC
2
0.007
VRMS
VAICL
Analog Audio Input
Clipping Level
(defines 0 dBr)
6 to 13
Max.
Input
Voltage
Max.
Input
Voltage
+1 dB
Max.
Input
Voltage
+ 2 dB
ZAOL
Analog Output Load
22 to 25
6
0.005
1
k
nF
VAOV
Maximum Analog Output Voltage
LF, LR, RR, RF (output attenuation
+0 dB,
analog output load
u 100 kΩ)
Analog Input
Digital Input
22 to 25
0.8
0.9
0.9
1.0
1.0
1.1
VRMS
VAMOSC
AM OSC Input Voltage
33
40
300
mVRMS
fAMOSCI
AM OSC Input Frequency Range
0.5
20
MHz


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com