Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 26 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 26 Page - Micronas

Back Button CAP3001A Datasheet HTML 22Page - Micronas CAP3001A Datasheet HTML 23Page - Micronas CAP3001A Datasheet HTML 24Page - Micronas CAP3001A Datasheet HTML 25Page - Micronas CAP3001A Datasheet HTML 26Page - Micronas CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas CAP3001A Datasheet HTML 29Page - Micronas CAP3001A Datasheet HTML 30Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
26
Recommended Operating Conditions, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
tIM7
IM Bus Data Input Delay after
ΦI
Time Clock Input
0
tIM8
IM Bus Data Input Setup Time
before
ΦI Clock Input
0
tIM9
IM Bus Data Input Hold Time after
ΦI Clock Input
0
tIM10
IM Bus Ident End-Pulse Low Time
1.0
µs
CPDM
PDM Capacitor (Low Loss Type)
14 to 16
*5%
680
)5%
pF
CAGNDC
AGNDC-Filter-Capacitor
18
3.3
µF
Ceramic Capacitor in parallel
100
nF
fSCLKI
Input SCLKI Frequency
54
3.1
MHz
tSIJ
Input SCLKI Phase Jitter
250
ps
tSIW
Input SCLKI Pulse Width
40
50
60
%
tIDS
Input Data Setup Time
56, 52
40
ns
tIDH
Input Data Hold Time
0
tWSS
Input WSI Setup Time
Output WSO Setup Time
50, 55
40
ns
tWSH
Input WSI Hold Time
Output WSO Hold Time
0
3.1.7. Recommended Crystal Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Ambient Operating Temperature
*20
)85
°C
fP
Parallel Resonance Frequency
16.4161)
MHz
∆fS
fS
Accuracy of Adjustment
$20
ppm
∆fS
fS
Frequency Deviation versus Tem-
perature
$40
ppm
Rr
Series Resistance
15
C0
Shunt Capacitance
5.5
7
pF
C1
Motional Capacitance
25
30
fF
df
Frequency pulling range
350
ppm
1) at CL+10.7 pF.
Remark on defining the external load capacitance: Ex-
ternal capacitors at each crystal pin to ground are re-
quired. The higher the capacity, the lower the clock fre-
quency results. Due to different layouts of customer
PCBs, the matching capacitor size should be defined in
the application.


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com