Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBT16211A Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza SN74CBT16211A
Descripción Electrónicos  24-BIT FET BUS SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16211A Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74CBT16211A_08 Datasheet HTML 6Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 7Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 8Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 9Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 10Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 11Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 12Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 13Page - Texas Instruments SN74CBT16211A_08 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Número de pieza similar - SN74CBT16211A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
24-BIT FET BUS SWITCH
More results

Descripción similar - SN74CBT16211A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT16211A TI-SN74CBT16211A Datasheet
314Kb / 12P
24-BIT FET BUS SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
24-BIT FET BUS SWITCH WITH BUS HOLD
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
24-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com