Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W2SC Datasheet(PDF) 129 Page - TE Connectivity Ltd

No. de pieza W2SC
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

W2SC Datasheet(HTML) 129 Page - TE Connectivity Ltd

Back Button W2SC Datasheet HTML 125Page - TE Connectivity Ltd W2SC Datasheet HTML 126Page - TE Connectivity Ltd W2SC Datasheet HTML 127Page - TE Connectivity Ltd W2SC Datasheet HTML 128Page - TE Connectivity Ltd W2SC Datasheet HTML 129Page - TE Connectivity Ltd W2SC Datasheet HTML 130Page - TE Connectivity Ltd W2SC Datasheet HTML 131Page - TE Connectivity Ltd W2SC Datasheet HTML 132Page - TE Connectivity Ltd W2SC Datasheet HTML 133Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 129
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
HD10 Series
Strain relief, HD10, 3 shell
HD18-003
Strain relief, HD10, 6 shell
HD18-006
Strain relief, HD10, 9 shell
HD18-009
HD30/HDP20 Series
Strain relief, HD30, 18 shell, straight
WHDS-18-1
Strain relief, HD30, 18 shell, 90°
WHDS-18-2
Strain relief, HD30, 24 shell, straight
WHDS-24-1
Strain relief, HD30, 24 shell, 90°
WHDS-24-2
Strain relief, cable clamp, HD30, 18 shell
0409-201-1800
Strain relief, cable clamp, HD30, 24 shell
0409-201-2400
Wire router, HD30/HDP20, 23 way, recept.
0411-324-2405
Wire router, HD30/HDP20, 23 way, plug
0411-323-2405
MISCELLANEOUS
Crimp sleeve reducer seal, sz. 4
0410-241-0406
Crimp sleeve reducer, sz. 4
0421-203-04141
O-ring, for AEC17-40P* jackscrew assembly
0513-013-4006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com