| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA1095 Datasheet(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1095 Datasheet(HTML) 123 Page - STMicroelectronics |
|
123 / 127 page ![]() DS13319 Rev 2 123/127 STA108x, STA109x Package information 126 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 7.1 LFBGA361 (16x16x1.7 mm) package information Figure 41. LFBGA361 (16x16x1.7 mm) package outline A1 CORNER INDEX AREA Ø b (361 BALLS) 1 A 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 B C D E F G H J K L M N P R T U 18 19 V W A A1 A4 A2 D D1 e Z BOTTOM VIEW A M C eee M fff C B A ddd C C SEATING PLANE B GAPGPS03418 8125732_C_XN |