Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S25FL128SDPNFAQ Datasheet(PDF) 105 Page - Cypress Semiconductor

No. de pieza S25FL128SDPNFAQ
Descripción Electrónicos  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 101Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 102Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 103Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 104Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 105Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 106Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 107Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 108Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 109Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 104 of 148
S25FL128S/S25FL256S
Figure 67. Quad 256-Byte Page Program Command Sequence (3-Byte Address, 32h or 38h)
Figure 68. Quad 512-Byte Page Program Command Sequence (4-Byte Address, 34h or 32h or 38h [ExtAdd=1])
1
3
2
10
9
8
7
6
5
4
0
31
30
29
28
Instruction
24-Bit
Address
23
21
22
1
3
2
0
36
35
34
33
32
39
38
37
2
0
1
3
4
5
6
7
Byte 1
44
43
42
41
40
47
46
45
52
51
50
49
48
55
54
53
SCK
IO0
SCK
IO0
*
*
2
0
1
3
4
5
6
7
*
Byte 2
5
6
2
0
1
3
4
6
7
Byte 3
*
2
0
1
3
4
5
6
7
*
Byte 4
IO1
IO2
IO3
6
2
0
1
3
4
5
7
Byte 5
*
*
Byte 6
Byte 7
*
*
Byte 8
Byte 9
*
*
Byte 10 Byte 11
*
*
Byte 12
Byte 253
*
*
Byte 254Byte 255
*
*
Byte 256
IO1
IO2
IO3
CS#
CS#
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
*MSB
1
3
210
9
8
7
6
5
4
039
38
37
36
Instruction
32-Bit
Address
31
29
30
1
32
0
44
43
42
41
40
47
46
45
2
0
1
3
4
5
6
7
Byte 1
52
51
50
49
48
55
54
53
60
59
58
57
56
63
62
61
SCK
IO0
SCK
IO0
*
*
2
0
1
3
4
5
6
7
*
Byte 2
5
6
2
0
1
3
4
6
7
Byte 3
*
2
0
1
3
4
5
6
7
*
Byte 4
IO1
IO2
IO3
6
2
0
1
3
4
5
7
Byte 5
**
Byte 6
Byte 7
**
Byte 8
Byte 9
**
Byte 10 Byte 11
**
Byte 12
Byte
509
**
Byte
510
Byte
511
**
Byte
512
IO1
IO2
IO3
CS#
CS#
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
*MSB
75
62
43
10
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com