Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LAN9252TV/ML Datasheet(PDF) 185 Page - Microchip Technology

No. de pieza LAN9252TV/ML
Descripción Electrónicos  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 185 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 181Page - Microchip Technology LAN9252TV/ML Datasheet HTML 182Page - Microchip Technology LAN9252TV/ML Datasheet HTML 183Page - Microchip Technology LAN9252TV/ML Datasheet HTML 184Page - Microchip Technology LAN9252TV/ML Datasheet HTML 185Page - Microchip Technology LAN9252TV/ML Datasheet HTML 186Page - Microchip Technology LAN9252TV/ML Datasheet HTML 187Page - Microchip Technology LAN9252TV/ML Datasheet HTML 188Page - Microchip Technology LAN9252TV/ML Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 185
LAN9252
11.2.16.30 PHY x MAC Receive Address B Register (PHY_RX_ADDRB_x)
Note 22:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set.
Index (In Decimal): 3.32866
Size:
16 bits
Bits
Description
Type
Default
15:0
Physical Address [31:16]
R/W/
NASR
Note 22
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More