| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LAN9252TI/ML Datasheet(PDF) 114 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252TI/ML Datasheet(HTML) 114 Page - Microchip Technology |
|
114 / 329 page ![]() LAN9252 DS00001909A-page 114 2015 Microchip Technology Inc. FIGURE 10-12: SQI WRITE SQI Write Single Register SCK (active high) SIO[3:0] X Inst Address H 1 Data H 0 SQI Write Multiple Registers H 0 L 0 H 1 X SCK (active low) SCS# X 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 X 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 X X L 2 L 3 L 1 L 0 SCK (active high) X ... SCK (active low) SCS# ... X X X X ... ... X ... Data 1... Data m Data n SIO[3:0] 0 2 L 1 H 2 H 3 Inst Address H 1 H 0 H 0 L 0 H 1 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 L 1 L 0 0 2 Data m+1... L 2 L 3 H 3 H 0 L 0 H 1 L 2 L 3 H 3 ... |