| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G474CE Datasheet(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE Datasheet(HTML) 111 Page - STMicroelectronics |
|
111 / 232 page ![]() IDD (wakeup from Standby) Supply current during wakeup from Standby mode Wakeup clock is HSI16 = 16 MHz(5) 3 V 2.46 - - - - --- - - mA 1. Guaranteed by characterization results, unless otherwise specified. 2. Guaranteed by test in production 3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors. 4. The supply current in Standby with SRAM2 mode is: IDD_ALL(Standby) + IDD_ALL(SRAM2). The supply current in Standby with RTC with SRAM2 mode is: I IDD_ALL(Standby + RTC) + IDD_ALL(SRAM2). 5. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 39: Low-power mode wakeup timings. Table 35. Current consumption in Standby mode (continued) Symbol Parameter Conditions TYP MAX(1) Unit - VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C Table 36. Current consumption in Shutdown mode Symbol Parameter Conditions TYP MAX(1) Unit - VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C IDD (Shutdown) Supply current in Shutdown mode (backup registers retained) RTC disabled - 1.8 V 19 140 885 2500 6600 160 390 2100 6700 21000 nA 2.4 V 28 180 1050 2950 7800 190 510 2400 7900 24000 3 V 43 230 1300 3600 9300 220 580 2900 9100 27000 3.6 V 87 360 1750 4700 12000 300 750 3500 11000 32000 |