Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP521-2 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TLP521-2
Descripción Electrónicos  Programmable Controllers AC/DC−Input Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP521-2 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP521-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 8Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP521
−1,TLP521−2,TLP521−4
2007-10-01
3
Current Transfer Ratio (%)
(IC / IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Type
Classi
fication (*1)
Min
Max
Marking Of
Classification
A
50
600
Blank, Y, Y
, G, G, B, B, GB
Rank Y
50
150
Y, Y
Rank GR
100
300
G, G
Rank BL
200
600
B, B
TLP521
Rank GB
100
600
G, G
, B, B, GB
A
50
600
Blank, GR, BL, GB
TLP521
−2
TLP521
−4
Rank GB
100
600
GR, BL, GB
*1: Ex. rank GB: TLP521
−1 (GB)
(Note): Application type name for certification test, please use standard product type name, i.e.
TLP521
−1 (GB): TLP521−1, TLP521−2 (GB): TLP521−2


Número de pieza similar - TLP521-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP521-2 TOSHIBA-TLP521-2 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
List of Unclassifed Man...
TLP521-2 ETC-TLP521-2 Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP521-2 ISOCOM-TLP521-2 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP521-2 TOSHIBA-TLP521-2 Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-2 TOSHIBA-TLP521-2 Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
More results

Descripción similar - TLP521-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP570 TOSHIBA-TLP570_07 Datasheet
635Kb / 8P
   Programmable Controllers AC / DC−Input Module
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com