Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP521-2 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP521-2
Descripción Electrónicos  Programmable Controllers AC/DC−Input Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP521-2 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP521-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 8Page - Toshiba Semiconductor TLP521-2 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP521
−1,TLP521−2,TLP521−4
2007-10-01
4
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
55
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 24 V
10
100
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
2
50
μA
Capacitance
(collector to emitter)
CCE
V = 0, f = 1 MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn
Typ.
Max
Unit
50
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
IC = 2.4 mA, IF = 8 mA
0.4
0.2
Collector
−emitter
saturation voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
10
11
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc


Número de pieza similar - TLP521-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP521-2 TOSHIBA-TLP521-2 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
List of Unclassifed Man...
TLP521-2 ETC-TLP521-2 Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP521-2 ISOCOM-TLP521-2 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP521-2 TOSHIBA-TLP521-2 Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-2 TOSHIBA-TLP521-2 Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
More results

Descripción similar - TLP521-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP570 TOSHIBA-TLP570_07 Datasheet
635Kb / 8P
   Programmable Controllers AC / DC−Input Module
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com