| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP86FS49AFG Datasheet(PDF) 290 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AFG Datasheet(HTML) 290 Page - Toshiba Semiconductor |
|
290 / 294 page ![]() Page 274 22. Electrical Characteristics 22.6 Flash Characteristics TMP86FS49AFG 22.8 Handling Precaution - The solderability test conditions for lead-free products (indicated by the suffix G in product name) are shown below. 1. When using the Sn-37Pb solder bath Solder bath temperature = 230 °C Dipping time = 5 seconds Number of times = once R-type flux used 2. When using the Sn-3.0Ag-0.5Cu solder bath Solder bath temperature = 245 °C Dipping time = 5 seconds Number of times = once R-type flux used Note: The pass criteron of the above test is as follows: Solderability rate until forming ≥ 95 % - When using the device (oscillator) in places exposed to high electric fields such as cathode-ray tubes, we recommend elec- trically shielding the package in order to maintain normal operating condition. |