Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0064-4317 Datasheet(PDF) 4 Page - Kontron

No. de pieza 0-0064-4317
Descripción Electrónicos  High-end computing with expansion capabilities
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KONTRON [Kontron]
Página de inicio  https://www.kontron.com/en
Logo KONTRON - Kontron

0-0064-4317 Datasheet(HTML) 4 Page - Kontron

  0-0064-4317 Datasheet HTML 1Page - Kontron 0-0064-4317 Datasheet HTML 2Page - Kontron 0-0064-4317 Datasheet HTML 3Page - Kontron 0-0064-4317 Datasheet HTML 4Page - Kontron 0-0064-4317 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
// 4
www.kontron.com
ORDERING INFORMATION
ARTICLE
PART NO.
SMART / VALUE LINE
SMART STORAGE
SMART PERFORMANCE
DESCRIPTION
KBOX B-202-CFL
B-202-CFL-V
B-202-CFL-S
B-202-CFL-T
B-202-CFL-P
Value version (H310)
Smart version (Q370)
Smart Storage (Q370)
Smart Performance (Q370)
POWER SUPPLY (CATEGORY B)
A
I (on request)
D
A
I
D
P
External PSU 240 V/150 W
PSU AC internal
24 VDC internal PSU 160 W
External PSU AC 240 V/270 W
PROCESSOR (CATEGORY C)
- 1
- 2
- 3
- 4
- 5
- 6
- 1
- 2
- 3
- 4
- 5
- 6
- 1
- 2
- 3
- 4
- 5
- 6
i3-8100 4x 3.60 GHz, 65 W
i5-8500 6x 3.00 GHz, 65 W
i7-8700 6x 3.20 GHz, 65 W
i3-9100E 4x 3.10 GHz, 65 W
i5-9500E 6x 3.00 GHz, 65 W
i7-9700E 8x 2.60 GHz, 65 W
MEMORY (CATEGORY D)
1
2
3
1
2
3
1
2
3
8 GByte DDR4-2666 SODIMM
16 GByte DDR4-2666 SODIMM
32 GByte DDR4-2666 SODIMM
M.2 SSD (CATEGORY E)
0
1
2
3
4
5
0
1
2
3
4
5
0
1
2
3
4
5
No M.2 Storage
128 GByte M.2 SSD, 2242 3D TLC
256 GByte M.2 SSD, 2242 3D TLC
512 GByte M.2 SSD, 2280 3D TLC
1 TByte M.2 SSD, 2280 3D TLC
2 TByte M.2 SSD, 2280 3D TLC
2.5” SSD SLOT (CATEGORY F)
0
1
2
3
4
5
0
1
2
3
4
5
0
1
2
3
4
5
No 2.5” SSD Storage
512 GByte 2.5” SSD 3D TLC
1 TByte 2.5” SSD 3D TLC
2 TByte 2.5” SSD 3D TLC
2x 256 GByte M.2 SSD modules
SATA RAID 1
2x 512 GByte M.2 SSD modules
SATA RAID 1
DRIVE EXPANSION
(CATEGORY F)
A
B
C
D
E
F
G
H
I
J
K
L
M
No Drive Expansion
2x2.5” SSD 512 GB 3D TLC
2x2.5” SSD 1 TB 3D TLC
2x SSD 2 TB 3D TLC
3,5” HDD 4 TB
3,5” HDD 8 TB
3,5” HDD 12 TB
DA225 2x2.5” SSD 512 GB 3D TLC
DA225 2x2.5” SSD 1 TB 3D TLC
DA225 2x2.5” SSD 2 TB 3D TLC
DA225 RAID 2x2.5” SSD 512 GB 3D TLC
DA225 RAID 2x2.5” SSD 1 TB 3D TLC
DA225 RAID 2x2.5” SSD 2 TB 3D TLC
mPCIe CARD (CATEGORY G)
- 0
- 1
- 0
- 1
- 0
- 1
No WiFi
WiFi
RISER CARD (CATEGORY H)
0
1
2
0
1
0
1
No Riser Card
1x PCIe x16
2x PCIe x8 (only Smart line)
PCIe SLOT 1 (CATEGORY I)
0
1
2
3
4
0
1
2
3
4
0
No Expansion Card
NVIDIA QUADRO P620 (PCIe x16)
2-Port 1GbBE RJ45 (PCIe x8)
2-Port 10GbBE RJ45 (PCIe x8)
4-Port 1 GbE RJ45 (PCIe x8)
PCIe SLOT 2
(SMART LINE ONLY)
(CATEGORY J)
0
1
2
3
No Expansion Card
2-Port 1GbBE RJ45 (PCIe x8)
2-Port 10GbBE RJ45 (PCIe x8)
4-Port 1 GbE RJ45 (PCIe x8)
SOFTWARE (CATEGORY K)
- 0
- 1
- 2
- 5
- 0
- 1
- 2
- 5
- 0
- 1
- 2
- 5
No OS
WIN10 IoT Enterprise Entry for i3/i5
WIN10 IoT Enterprise High End for i7
Linux
MOUNTING (CATEGORY L)
- 0
- 1
- 0
- 1
- 0
- 1
Desktop
Wall Mount
e.g. KBox B-202-CFL-S(B)-(CDEF)-(GHIJ)-(K)-(L)
e.g. KBox B-202-CFL-V(B)-(CDEF)-(GHIJ)-(K)-(L)
Notes: Letters in brackets are the category letters; due to mechanical limitations, configurations must be approved by sales support


Número de pieza similar - 0-0064-4317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kontron
0-0064-4317 KONTRON-0-0064-4317 Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
0-0064-4317 KONTRON-0-0064-4317 Datasheet
549Kb / 4P
Industrial Computer Platform for Desktop & Control Room Applications
0-0064-4317 KONTRON-0-0064-4317 Datasheet
761Kb / 4P
High Performance Embedded Box PC with Versatile Expansion Capabilities
More results

Descripción similar - 0-0064-4317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ISIS ETC2-ISIS Datasheet
485Kb / 2P
x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
logo
Advantech Co., Ltd.
MIC-75G20 ADVANTECH-MIC-75G20 Datasheet
1Mb / 3P
GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G30 ADVANTECH-MIC-75G30 Datasheet
1Mb / 3P
Dual GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
12-Dec-2022
logo
OmniVision Technologies...
OV13855 OMNIVISION-OV13855 Datasheet
656Kb / 2P
13-Megapixel PureCel짰Plus Sensor Brings High-End Imaging Capabilities to Mainstream Smartphones
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
High surge current capabilities
Revision: 25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
High surge current capabilities
Revision: 13-May-15
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
Evaluation board with robotic capabilities
logo
Nais(Matsushita Electri...
ARJ2003 NAIS-ARJ2003 Datasheet
602Kb / 5P
SMD RELAYS WITH 8GHz CAPABILITIES
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
Ultra-High Ripple Capabilities
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
High voltage surge capabilities
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com