Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0064-4173 Datasheet(PDF) 1 Page - Kontron

No. de pieza 0-0064-4173
Descripción Electrónicos  High-end computing with expansion capabilities
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KONTRON [Kontron]
Página de inicio  https://www.kontron.com/en
Logo KONTRON - Kontron

0-0064-4173 Datasheet(HTML) 1 Page - Kontron

  0-0064-4173 Datasheet HTML 1Page - Kontron 0-0064-4173 Datasheet HTML 2Page - Kontron 0-0064-4173 Datasheet HTML 3Page - Kontron 0-0064-4173 Datasheet HTML 4Page - Kontron 0-0064-4173 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KBox B-202-CFL
High-end computing with expansion capabilities –
for noise sensitive environments
 High performance: 8th/9th Gen Intel® Core™ i3/i5/i7
 Low noise design
 RAID with up to four storage devices
 PCIe expansion slots for additional graphics or network cards
 Smart Storage version with 2 additional 2.5” SSD or a 3.5” HDD up to 12 TByte


Número de pieza similar - 0-0064-4173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kontron
0-0064-4173 KONTRON-0-0064-4173 Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
0-0064-4173 KONTRON-0-0064-4173 Datasheet
549Kb / 4P
Industrial Computer Platform for Desktop & Control Room Applications
0-0064-4173 KONTRON-0-0064-4173 Datasheet
761Kb / 4P
High Performance Embedded Box PC with Versatile Expansion Capabilities
More results

Descripción similar - 0-0064-4173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ISIS ETC2-ISIS Datasheet
485Kb / 2P
x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
logo
Advantech Co., Ltd.
MIC-75G20 ADVANTECH-MIC-75G20 Datasheet
1Mb / 3P
GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G30 ADVANTECH-MIC-75G30 Datasheet
1Mb / 3P
Dual GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
12-Dec-2022
logo
OmniVision Technologies...
OV13855 OMNIVISION-OV13855 Datasheet
656Kb / 2P
13-Megapixel PureCel짰Plus Sensor Brings High-End Imaging Capabilities to Mainstream Smartphones
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
High surge current capabilities
Revision: 25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
High surge current capabilities
Revision: 13-May-15
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
Evaluation board with robotic capabilities
logo
Nais(Matsushita Electri...
ARJ2003 NAIS-ARJ2003 Datasheet
602Kb / 5P
SMD RELAYS WITH 8GHz CAPABILITIES
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
Ultra-High Ripple Capabilities
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
High voltage surge capabilities
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com