Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0064-2173 Datasheet(PDF) 2 Page - Kontron

No. de pieza 0-0064-2173
Descripción Electrónicos  High-end computing with expansion capabilities
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KONTRON [Kontron]
Página de inicio  https://www.kontron.com/en
Logo KONTRON - Kontron

0-0064-2173 Datasheet(HTML) 2 Page - Kontron

  0-0064-2173 Datasheet HTML 1Page - Kontron 0-0064-2173 Datasheet HTML 2Page - Kontron 0-0064-2173 Datasheet HTML 3Page - Kontron 0-0064-2173 Datasheet HTML 4Page - Kontron 0-0064-2173 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
// 2
www.kontron.com
TECHNICAL INFORMATION
VALUE / SMART
SMART STORAGE
SMART PERFORMANCE
PROCESSOR SYSTEM
CPU
SYSTEM CHIPSET
BIOS
8th Gen Intel® Core™ i3/i5/i7
Socket LGA1151, max. 65 W TDP
Intel® i3-8100 4x 3.6 GHz
Intel® i5-8500 6x 3.0 GHz (Max. Turbo 4.1 GHz)
Intel® i7-8700 6x 3.2 GHz (Max. Turbo 4.6 GHz)
9th Gen Intel® Core™ i3/i5/i7
Intel® i3-9100E 4x 3.1 GHz (Max. Turbo 3.7 GHz)
Intel® i5-9500E 6x 3.0 GHz (Max. Turbo 4.2 GHz)
Intel® i7-9700E 8x 2.6 GHz (Max. Turbo 4.4 GHz)
Intel® Q370 Express Chipset (Smart line)
Intel® H310 Express Chipset (Value line)
AMI® Aptio 5.x
MEMORY
TECHNOLOGY
CAPACITY
SOCKET
DDR4-2666 MHz non ECC
8/16/32 GByte
2x SODIMM
GRAPHICS
GRAPHICS CORE
MAX. RESOLUTION
Internal Intel® UHD 630 Graphics, DX12
4096x2304 @60 Hz
FRONT I/O
POWER ON/OFF
USB
Power Button with status LED
2x USB 3.0
REAR I/O
GRAPHICS PORTS
AUDIO
USB
ETHERNET
CONTROLLER
FEATURES
PS/2
SERIAL PORTS
1x DVI-D, 2x DisplayPort V1.2
1x Line in, 1x Line out
Realtek ALC671, 5.1-channel, High Definition Audio Codec
4x USB 2.0, 2x USB 3.1 Gen 1, 2x USB 3.1 Gen 2 (Smart)
3x USB 2.0, 2x USB 3.1 Gen1 (Value)
2x LAN 10/100/1000 MBit/s
Intel® i219LM & i210AT
AMT 12.0* / vPro Support*, Wake-on-LAN, PXE Support,
BIOS MAC Address Display, Teaming Support
1x PS/2 Mouse, 1x PS/2 Keyboard
1x Serial (COM1, RS232)
INTERNAL EXPANSION SLOTS
M.2
mPCIe
PCIe
1x M.2 Key-M (2242/2260/2280) for PCIe-based SSD NVME modules;
4x PCIe Gen3
1x Mini-PCIe supporting PCIe Gen3 & USB2.0 (half-size / full size)
1x PCIe x16 or 2x PCIe x8*
1x PCIe x16
1x PCIe x16
(full-height, half-length)
(full-height, half-length)
(full-height, half-length)
STORAGE
REMOVABLE DRIVE
INTERNAL DRIVES
1x 2,5” SSD
SATA III/SATA-600
Up to 3x M.2 SSD
Up to 3x 2,5” SSD
SATA III/SATA-600
Up to 3x M.2 SSD,
2x 2.5”SSD/1x 3.5” HDD
RAID 0/1
1x 2,5” SSD
SATA III/SATA-600
Up to 3x M.2 SSD
SOFTWARE SUPPORT
OPERATING SYSTEM
Windows® 10 IoT Enterprise LTSC 2019 pre-installed
Linux
SECURITY
FEATURES
Recovery BIOS, System and BIOS Password, Boot Sequence Control,
Serial- / USB- Port Access Protection, Boot Sector Virus Warning,
Write Protection for Flash BIOS, EraseDisk (BIOS Feature),
TPM V2.0 (Infineon SLB9670SPI; TCG compliant)
MIDDLEWARE
KEAPI
Kontron KEAPI board support package
POWER SUPPLY (EXTERNAL)
INPUT VOLTAGE
90 to 264 VAC (150 W)
24 VDC (160 W)
90 to 264 VAC (150 W)
24 VDC (160 W)
90 to 264 VAC (270 W)
MECHANICAL
CONSTRUCTION
FRONT
COOLING
DIMENSIONS (WXHXD)
WEIGHT
Continuously hot-dip zinc coated mild steel sheet, according EN10215
Aluminum
Internal silent fan
190 x 120 x 190 mm
Approx. 3 kg
ENVIRONMENT
OPERATING TEMPERATURE
STORAGE TEMPERATURE
RELATIVE HUMIDITY
OPERATING VIBRATION
OPERATING SHOCK
ALTITUDE
NOISE LEVEL
MTBF
MAX. POWER
0 °C to +45 °C (32 °F to 113 °F)
-20 °C to +80 °C (-4 °F to 176 °F)
93 % @ 40 °C, non-condensing
5-500 Hz, 1G acc. IEC 60068-2-6
half sine, 15 g, 11 ms acc. IEC 60068-2-27
5000 m (16400 ft)
<= 34 dB(A) at 25 °C, Sea level, 1 m, Full CPU/GPU load
62257h @40 °C
Main board 96 W max., SSD 4 W (varies by processor type)
250 W max. provided by the external power supply on Smart Performance
APPROVALS
CE, CB, NRTL
EMC: EN 55032:2012, class B, EN 61000-3-2:2014,
EN 61000-3-3:2013, EN 55024:2010
NOTE: with external power supply provided by Kontron
Safety: IEC 62368-1:2014, EN 62368-1:2014, UL 62-368-1:2014-12,
CAN/CSA-C22.2 No. 62368-1:2014-12
NOTE: with external power supply provided by Kontron
* Feature only supported by Q370 Chipset


Número de pieza similar - 0-0064-2173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kontron
0-0064-2173 KONTRON-0-0064-2173 Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
0-0064-2173 KONTRON-0-0064-2173 Datasheet
549Kb / 4P
Industrial Computer Platform for Desktop & Control Room Applications
0-0064-2173 KONTRON-0-0064-2173 Datasheet
761Kb / 4P
High Performance Embedded Box PC with Versatile Expansion Capabilities
More results

Descripción similar - 0-0064-2173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ISIS ETC2-ISIS Datasheet
485Kb / 2P
x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
logo
Advantech Co., Ltd.
MIC-75G20 ADVANTECH-MIC-75G20 Datasheet
1Mb / 3P
GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G30 ADVANTECH-MIC-75G30 Datasheet
1Mb / 3P
Dual GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
12-Dec-2022
logo
OmniVision Technologies...
OV13855 OMNIVISION-OV13855 Datasheet
656Kb / 2P
13-Megapixel PureCel짰Plus Sensor Brings High-End Imaging Capabilities to Mainstream Smartphones
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
High surge current capabilities
Revision: 25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
High surge current capabilities
Revision: 13-May-15
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
Evaluation board with robotic capabilities
logo
Nais(Matsushita Electri...
ARJ2003 NAIS-ARJ2003 Datasheet
602Kb / 5P
SMD RELAYS WITH 8GHz CAPABILITIES
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
Ultra-High Ripple Capabilities
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
High voltage surge capabilities
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com