Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0064-4317 Datasheet(PDF) 2 Page - Kontron

No. de pieza 0-0064-4317
Descripción Electrónicos  High-end computing in a small footprint for noise sensitive environments
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KONTRON [Kontron]
Página de inicio  https://www.kontron.com/en
Logo KONTRON - Kontron

0-0064-4317 Datasheet(HTML) 2 Page - Kontron

  0-0064-4317 Datasheet HTML 1Page - Kontron 0-0064-4317 Datasheet HTML 2Page - Kontron 0-0064-4317 Datasheet HTML 3Page - Kontron 0-0064-4317 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
// 2
www.kontron.com
TECHNICAL INFORMATION
PROCESSOR
CPU
SYSTEM CHIPSET
BIOS
8th Gen Intel® Core™ i3/i5/i7
Socket LGA1151, max. 65 W TDP
Intel® i3-8100 4x 3.6 GHz
Intel® i5-8500 6x 3.0 GHz (Max. Turbo 4.1 GHz)
Intel® i7-8700 6x 3.2 GHz (Max. Turbo 4.6 GHz)
9th Gen Intel® Core™ i3/i5/i7
Intel® i3-9100E 4x 3.1 GHz (Max. Turbo 3.7 GHz)
Intel® i5-9500E 6x 3.0 GHz (Max. Turbo 4.2 GHz)
Intel® i7-9700E 8x 2.6 GHz (Max. Turbo 4.4 GHz)
Intel® Q370 Express Chipset (Smart line)
Intel® H310 Express Chipset (Value line)
AMI® Aptio 5.x
MEMORY
TECHNOLOGY
CAPACITY
SOCKET
DDR4-2666 MHz non ECC
8/16/32 GByte
2x SODIMM
GRAPHICS
GRAPHICS CORE
MAX. RESOLUTION
Internal Intel® UHD 630 Graphics, DX12
4096x2304 @60 Hz
FRONT I/O
POWER ON/OFF
USB
Power Button with status LED
2x USB 3.0
REAR I/O
GRAPHICS PORTS
AUDIO
USB
ETHERNET
CONTROLLER
FEATURES
PS/2
SERIAL PORTS
1x DVI-D, 2x DisplayPort V1.2
1x Line in, 1x Line out
Realtek ALC671, 5.1-channel, High Definition Audio Codec
4x USB 2.0, 2x USB 3.1 Gen 1, 2x USB 3.1 Gen 2 (Smart)
3x USB 2.0, 2x USB 3.1 Gen1 (Value)
2x LAN 10/100/1000 MBit/s
Intel® i219LM & i210AT
AMT 12.0* / vPro Support*, Wake-on-LAN, PXE Support,
BIOS MAC Address Display, Teaming Support
1x PS/2 Mouse, 1x PS/2 Keyboard
1x Serial (COM1, RS232)
INTERNAL EXPANSION SLOTS
M.2
mPCIe
1x M.2 Key-M for PCIe-based SSD NVME modules;
4x PCIe Gen3 lanes (for 2280, 2260 or 2242 modules)
1x Mini-PCIe supporting PCIe Gen3 & USB 2.0 (half-size/full size)
STORAGE
REMOVABLE DRIVE
INTERNAL DRIVES
1x 2,5” SSD SATA III / SATA-600
Up to 2x M.2 SSD (RAID support*)
SOFTWARE SUPPORT
OPERATING SYSTEM
Windows® 10 IoT Enterprise LTSC 2019 pre-installed
Linux
MECHANICAL
CONSTRUCTION
FRONT
COOLING
DIMENSIONS (W x H x D)
WEIGHT
Continuously hot-dip zinc coated mild steel sheet, according EN10215
Aluminium
Internal silent fan
190 x 60 x 190 mm
Approx. 2 kg
ENVIRONMENT
OPERATING TEMPERATURE
STORAGE TEMPERATURE
RELATIVE HUMIDITY
OPERATING VIBRATION
OPERATING SHOCK
ALTITUDE
NOISE LEVEL
MTBF
MAX. POWER
0 °C to +45 °C (32 °F to 113 °F)
-20 °C to +80 °C (-4 °F to 176 °F)
93 % @ 40 °C, non-condensing
5-500 Hz, 1G acc. IEC 60068-2-6
half sine, 15 g, 11 ms acc. IEC 60068-2-27
5000 m (16400 ft)
<= 34 dB(A) at 25 °C, Sea level, 1 m, Full CPU/GPU load
62257 h @ 40 °C
Main board 96 W max., SSD 4 W (varies by processor type)
150 W max. provided by the external power supply
APPROVALS
CE, CB, NRTL
EMC: EN 55032:2012, class B, EN 61000-3-2:2014, EN 61000-3-3:2013,
EN 55024:2010
NOTE: with external power supply provided by Kontron
Savety: IEC 62368-1:2014, EN 62368-1:2014, UL 62-368-1:2014-12,
CAN/CSA-C22.2 No. 62368-1:2014-12
NOTE: with external power supply provided by Kontron
POWER SUPPLY (EXTERNAL)
INPUT VOLTAGE RANGE
90 to 264 VAC (external power supply)
24 VDC (on request)
* Feature only supported by Smart Line (Q370 Chipset); Value line (H310 chipset)


Número de pieza similar - 0-0064-4317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kontron
0-0064-4317 KONTRON-0-0064-4317 Datasheet
549Kb / 4P
Industrial Computer Platform for Desktop & Control Room Applications
0-0064-4317 KONTRON-0-0064-4317 Datasheet
2Mb / 5P
High-end computing with expansion capabilities
0-0064-4317 KONTRON-0-0064-4317 Datasheet
761Kb / 4P
High Performance Embedded Box PC with Versatile Expansion Capabilities
More results

Descripción similar - 0-0064-4317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2905469 PHOENIX-2905469 Datasheet
160Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
2905470 PHOENIX-2905470 Datasheet
244Kb / 7P
Particularly suitable for maximum protection of sensitive devices in harsh environments
logo
List of Unclassifed Man...
FPA10033RJ ETC2-FPA10033RJ Datasheet
155Kb / 3P
100 Watts dissipation in a small footprint
logo
PHOENIX CONTACT
2905467 PHOENIX-2905467 Datasheet
146Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
Available in small footprint packages
XC95288XL XILINX-XC95288XL Datasheet
84Kb / 11P
Available in small footprint packages
logo
Marktech Corporate
MTPS3085MT MARKTECH-MTPS3085MT Datasheet
191Kb / 1P
High Reliability in Demanding Environments
PT080N4 MARKTECH-PT080N4 Datasheet
189Kb / 1P
High Reliability in Demanding Environments
logo
Panasonic Battery Group
GT03_E PANASONICBATTERY-GT03_E Datasheet
204Kb / 1P
Programmable Display for Harsh Environments in a Compact 3.5in Body
logo
Marktech Corporate
MTD6000PT-T MARKTECH-MTD6000PT-T Datasheet
588Kb / 3P
High Reliability in Demanding Environments
MTPS8085MT MARKTECH-MTPS8085MT Datasheet
192Kb / 1P
High Reliability in Demanding Environments
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com