Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0064-2173 Datasheet(PDF) 1 Page - Kontron

No. de pieza 0-0064-2173
Descripción Electrónicos  High Performance Embedded Box PC with Versatile Expansion Capabilities
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KONTRON [Kontron]
Página de inicio  https://www.kontron.com/en
Logo KONTRON - Kontron

0-0064-2173 Datasheet(HTML) 1 Page - Kontron

  0-0064-2173 Datasheet HTML 1Page - Kontron 0-0064-2173 Datasheet HTML 2Page - Kontron 0-0064-2173 Datasheet HTML 3Page - Kontron 0-0064-2173 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Performance Embedded Box PC with
Versatile Expansion Capabilities
KBox B-202-RPL
* High performance: 14th/13th Gen Intel® Core™ i9/i7/i5/i3
* Small form factor based on mITX motherboard
* RAID with several storage options, WiFi functionality
* PCIe expansion slots for graphics, network or other PCIe cards
* Smart Storage version with add. 2.5” SSD or 3.5” HDD up to 12 TByte


Número de pieza similar - 0-0064-2173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kontron
0-0064-2173 KONTRON-0-0064-2173 Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
0-0064-2173 KONTRON-0-0064-2173 Datasheet
549Kb / 4P
Industrial Computer Platform for Desktop & Control Room Applications
0-0064-2173 KONTRON-0-0064-2173 Datasheet
2Mb / 5P
High-end computing with expansion capabilities
More results

Descripción similar - 0-0064-2173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
VL-EPM-E2 ETC2-VL-EPM-E2 Datasheet
612Kb / 2P
The VL-EPM-E2 is an embedded PC/104-Plus format expansion module featuring high-performance networking capabilities.
LEC-2430 ETC2-LEC-2430 Datasheet
1Mb / 2P
High-performance Box PC with Mini-PCIe, PCI or PCI Express Expansion
logo
Lanner All Rights Reser...
LEC-2430 LANNER-LEC-2430 Datasheet
1Mb / 2P
High-performance Box PC with Mini-PCIe, PCI or PCI Express Expansion
logo
Contec Co., Ltd
BX-M1000 CONTEC-BX-M1000 Datasheet
878Kb / 4P
BOX-PC Embedded computer
logo
Advantech Co., Ltd.
IRS-3610 ADVANTECH-IRS-3610_15 Datasheet
554Kb / 2P
High Performance Rugged Box PC
logo
List of Unclassifed Man...
ISIS ETC2-ISIS Datasheet
485Kb / 2P
x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
logo
Advantech Co., Ltd.
ARK-3403 ADVANTECH-ARK-3403_14 Datasheet
2Mb / 2P
Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-3403 ADVANTECH-ARK-3403 Datasheet
2Mb / 2P
Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-5280 ADVANTECH-ARK-5280 Datasheet
410Kb / 2P
Fanless, Intel짰 Pentium짰 M Embedded Box IPC, with PCI/ISA Expansion
ARK-5260 ADVANTECH-ARK-5260 Datasheet
2Mb / 2P
Intel짰 Atom??D510 Fanless Embedded Box PC with Dual PCI/PCIe Expansion and Dual Mobile HDDs
ARK-3405 ADVANTECH-ARK-3405 Datasheet
1Mb / 2P
Intel® Celeron™ N3160 Fanless Embedded Box PC with Rich Expansion and Dual Removable 2.5
30-Jun-2016
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com