Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0064-4317 Datasheet(PDF) 4 Page - Kontron

No. de pieza 0-0064-4317
Descripción Electrónicos  Industrial Computer Platform for Desktop & Control Room Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KONTRON [Kontron]
Página de inicio  https://www.kontron.com/en
Logo KONTRON - Kontron

0-0064-4317 Datasheet(HTML) 4 Page - Kontron

  0-0064-4317 Datasheet HTML 1Page - Kontron 0-0064-4317 Datasheet HTML 2Page - Kontron 0-0064-4317 Datasheet HTML 3Page - Kontron 0-0064-4317 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBox B-201-RPL
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Accessories
AC POWER SUPPLY
1064-8948
90 to 264 VAC, 150 W PSU
POWER CORD EU
0-0064-2173
Euro (Type A), 2.5 m
POWER CORD UK
0-0064-4173
UK (Type C), 2.5 m
POWER CORD US
0-0064-4317
US, 2 m
WALL MOUNT KIT
1065-3430
Wall mount kit
VERTICAL STAND KIT
1065-3431
Vertical stand kit
VESA KIT
1069-7289
Vesa Kit


Número de pieza similar - 0-0064-4317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kontron
0-0064-4317 KONTRON-0-0064-4317 Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
0-0064-4317 KONTRON-0-0064-4317 Datasheet
2Mb / 5P
High-end computing with expansion capabilities
0-0064-4317 KONTRON-0-0064-4317 Datasheet
761Kb / 4P
High Performance Embedded Box PC with Versatile Expansion Capabilities
More results

Descripción similar - 0-0064-4317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
Desktop or wallmount industrial computer chassis
AX60552 AXIOMTEK-AX60552 Datasheet
348Kb / 1P
Desktop or wallmount industrial computer chassis
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
logo
Axiomtek Co., Ltd.
AX6033 AXIOMTEK-AX6033 Datasheet
186Kb / 1P
Desktop or wallmount industrial computer chassis
AX60501 AXIOMTEK-AX60501 Datasheet
208Kb / 1P
Desktop or wallmount industrial computer chassis
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
Phase Control Circuit for Industrial Applications
logo
New Jersey Semi-Conduct...
C611 NJSEMI-C611 Datasheet
84Kb / 1P
For High Volume Light Industrial, Computer, and Consumer Applications
C6 NJSEMI-C6 Datasheet
84Kb / 1P
For High Volume Light Industrial, Computer, and Consumer Applications
logo
ON Semiconductor
ASP2100 ONSEMI-ASP2100 Datasheet
593Kb / 40P
82 Phase Output Controller with SVID Interface for Desktop Computer CPU Applications
March, 2023 - Rev. 1
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
A SMALL MULTIMEDIA DESKTOP COMPUTER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com