Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0064-2173 Datasheet(PDF) 1 Page - Kontron

No. de pieza 0-0064-2173
Descripción Electrónicos  High-end computing in a small footprint for noise sensitive environments
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KONTRON [Kontron]
Página de inicio  https://www.kontron.com/en
Logo KONTRON - Kontron

0-0064-2173 Datasheet(HTML) 1 Page - Kontron

  0-0064-2173 Datasheet HTML 1Page - Kontron 0-0064-2173 Datasheet HTML 2Page - Kontron 0-0064-2173 Datasheet HTML 3Page - Kontron 0-0064-2173 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBox B-201-CFL
High-end computing in a small footprint for
noise sensitive environments
„
High performance: 8th/9th Gen Intel® Core™ i3/i5/i7
„
Small form factor with mITX motherboard
„
Removable 2,5” SSD
„
Low noise design
„
Various mounting options


Número de pieza similar - 0-0064-2173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kontron
0-0064-2173 KONTRON-0-0064-2173 Datasheet
549Kb / 4P
Industrial Computer Platform for Desktop & Control Room Applications
0-0064-2173 KONTRON-0-0064-2173 Datasheet
2Mb / 5P
High-end computing with expansion capabilities
0-0064-2173 KONTRON-0-0064-2173 Datasheet
761Kb / 4P
High Performance Embedded Box PC with Versatile Expansion Capabilities
More results

Descripción similar - 0-0064-2173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2905469 PHOENIX-2905469 Datasheet
160Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
2905470 PHOENIX-2905470 Datasheet
244Kb / 7P
Particularly suitable for maximum protection of sensitive devices in harsh environments
logo
List of Unclassifed Man...
FPA10033RJ ETC2-FPA10033RJ Datasheet
155Kb / 3P
100 Watts dissipation in a small footprint
logo
PHOENIX CONTACT
2905467 PHOENIX-2905467 Datasheet
146Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
Available in small footprint packages
XC95288XL XILINX-XC95288XL Datasheet
84Kb / 11P
Available in small footprint packages
logo
Marktech Corporate
MTPS3085MT MARKTECH-MTPS3085MT Datasheet
191Kb / 1P
High Reliability in Demanding Environments
PT080N4 MARKTECH-PT080N4 Datasheet
189Kb / 1P
High Reliability in Demanding Environments
logo
Panasonic Battery Group
GT03_E PANASONICBATTERY-GT03_E Datasheet
204Kb / 1P
Programmable Display for Harsh Environments in a Compact 3.5in Body
logo
Marktech Corporate
MTD6000PT-T MARKTECH-MTD6000PT-T Datasheet
588Kb / 3P
High Reliability in Demanding Environments
MTPS8085MT MARKTECH-MTPS8085MT Datasheet
192Kb / 1P
High Reliability in Demanding Environments
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com