Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMPR4938 Datasheet(PDF) 128 Page - Toshiba Semiconductor

No. de pieza TMPR4938
Descripción Electrónicos  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 128 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 124Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 125Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 126Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 132Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 716 page
background image
Chapter 7 External Bus Controller
7-18
7.3.7.5
Ready Input Timing
The ACK*/Ready pin is used as a Ready input when in the Ready mode. The Ready input
timing is the same as the ACK* input timing explained in 7.3.7.4 ACK* Input Timing (External
ACK Mode) with the two following exceptions.
•
Ready must be a High Active signal.
•
When in the Ready mode, the Wait cycle count specified by EBCCRn.PWT:WT must be
inserted in order to delay the Ready signal check (see 7.3.6.3 Ready Mode).
Figure 7.3.13 Ready Input Timing (Read Cycle)
ACK*/READY
(Input)
SYSCLK
CE*
ADDR [19:0]
OE*
DATA [31:0]
ACK*/READY (Input)
Latch Data
Acknowledge Ready
2 clocks
EBCCRn.PWT:WT=2
EBCCRn.SHWT=0
2 clocks
SYSCLK
CE*
ADDR [19:0]
OE*
DATA [31:0]
Latch Data
Acknowledge Ready
EBCCRn.PWT:WT=2
EBCCRn.SHWT=0
Start Ready
Check