| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP89FS60 Datasheet(PDF) 125 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Datasheet(HTML) 125 Page - Toshiba Semiconductor |
|
125 / 410 page ![]() Page 111 TMP89FS60 RA005 8.3.6 Port P7 (P77 to P70) Port P7 is an 8-bit input/output port that can be set to input or output for each bit individually, and it is also used as the external interrupt input, the divider output and the timer counter input/output. Figure 8-8 Port P7 Table 8-14 Port P7 P77P76 P75P74 P73 P72 P71P70 Secondary function INT4 INT3 INT2 DVO PPGA1 TCA1 PPGA0 TCA0 PPG01 PWM01 TC01 PPG00 PWM00 TC00 0 1 S Output latch (for each bit) P7DR write P7i R Note1 : R = 100 Ω (typ.) Note2 : i = 0 to 7 DVO, PPGA1, PPGA0, PPG01, PPG00, PWM01, PWM00 INT4, INT3, INT2, TCA1, TCA0, TC01, TC00 P7PRD read Function control (for each bit) Input/output control (for each bit) P7FC write P7CR write VDD Functions enclosed by the dotted line are for P74 to P70 only. Divider output External interrupt TCA0 TCA1 TC00 TC01 Peripheral functions SYSCR1<STOP> SYSCR1<OUTEN> Reset signal |