| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMPR3916 Datasheet(PDF) 153 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 Datasheet(HTML) 153 Page - Toshiba Semiconductor |
|
153 / 225 page ![]() Chapter 7 CAN Module (TXCAN) Preliminary 7-32 7.5.3 Remote Frame Handling The following flowchart shows the handling of remote frames by using the automatic reply feature. This feature is available when the RFH bit of a mailbox, which is configured for transmission, is set. To avoid data inconsistency problems when updating the mailbox data the CDR register is used. Setup a mailbox for automatic reply to remote frames Configure mailbox for transmission: set MDn to '0' Disable mailbox: set MCn to '0' Setup mailbox identifier and IDE bit for standard or extended ID Enable mailbox: set MCn to '1' End of setup Automatic reply to remote frames New setup for the mailbox? Yes Update mailbox data? No Yes Choose transmission Order: setup MTOS Set RFH bit of the mailbox; set GAME if necessary Setup GAM if necessary Change data requested: set CDRn to '1' Reset CDRn: set CDRn to '0' No Write new data to the mailbox Figure 7.5.3 Automatic Reply Generation for Remote Frames |