Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H563II Datasheet(PDF) 114 Page - STMicroelectronics

No. de pieza STM32H563II
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563II Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32H563II Datasheet HTML 110Page - STMicroelectronics STM32H563II Datasheet HTML 111Page - STMicroelectronics STM32H563II Datasheet HTML 112Page - STMicroelectronics STM32H563II Datasheet HTML 113Page - STMicroelectronics STM32H563II Datasheet HTML 114Page - STMicroelectronics STM32H563II Datasheet HTML 115Page - STMicroelectronics STM32H563II Datasheet HTML 116Page - STMicroelectronics STM32H563II Datasheet HTML 117Page - STMicroelectronics STM32H563II Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 270 page
background image
C
PC0
SAI2_FS_B
FMC_A25
OCTOSPI1_IO7
-
FMC_SDNWE
-
-
EVENTOUT
PC1
SAI2_SD_A
SDMMC2_CK
OCTOSPI1_IO4
ETH_MDC
-
-
-
EVENTOUT
PC2
-
OCTOSPI1_IO2
-
ETH_MII_TXD2
FMC_SDNE0
-
-
EVENTOUT
PC3
-
OCTOSPI1_IO0
-
ETH_MII_TX_CLK
FMC_SDCKE0
-
-
EVENTOUT
PC4
-
-
-
ETH_MII_RXD0/
ETH_RMII_RXD0
FMC_SDNE0
-
-
EVENTOUT
PC5
-
-
OCTOSPI1_DQS
ETH_MII_RXD1/
ETH_RMII_RXD1
FMC_SDCKE0
-
-
EVENTOUT
PC6
SDMMC1_D0D
IR
FMC_NWAIT
SDMMC2_D6
OCTOSPI1_IO5
SDMMC1_D6
DCMI_D0/PSSI_D0
-
EVENTOUT
PC7
SDMMC1_D12
3DIR
FMC_NE1
SDMMC2_D7
OCTOSPI1_IO6
SDMMC1_D7
DCMI_D1/PSSI_D1
-
EVENTOUT
PC8
UART5_RTS/
UART5_DE
FMC_NE2/
FMC_NCE
FMC_INT
FMC_ALE
SDMMC1_D0
DCMI_D2/PSSI_D2
-
EVENTOUT
PC9
UART5_CTS
OCTOSPI1_IO0
-
FMC_CLE
SDMMC1_D1
DCMI_D3/PSSI_D3
-
EVENTOUT
PC10
UART4_TX
OCTOSPI1_IO1
-
ETH_MII_TXD0/
ETH_RMII_TXD0
SDMMC1_D2
DCMI_D8/PSSI_D8
-
EVENTOUT
PC11
UART4_RX
OCTOSPI1_NCS
-
-
SDMMC1_D3
DCMI_D4/PSSI_D4
-
EVENTOUT
PC12
UART5_TX
-
-
-
SDMMC1_CK
DCMI_D9/PSSI_D9
-
EVENTOUT
PC13
-
-
-
-
-
-
-
EVENTOUT
PC14
-
-
-
-
-
-
-
EVENTOUT
PC15
-
-
-
-
-
-
-
EVENTOUT
Table 16. Alternate functions AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS