Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562RG Datasheet(PDF) 205 Page - STMicroelectronics

No. de pieza STM32H562RG
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Datasheet(HTML) 205 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 201Page - STMicroelectronics STM32H562RG Datasheet HTML 202Page - STMicroelectronics STM32H562RG Datasheet HTML 203Page - STMicroelectronics STM32H562RG Datasheet HTML 204Page - STMicroelectronics STM32H562RG Datasheet HTML 205Page - STMicroelectronics STM32H562RG Datasheet HTML 206Page - STMicroelectronics STM32H562RG Datasheet HTML 207Page - STMicroelectronics STM32H562RG Datasheet HTML 208Page - STMicroelectronics STM32H562RG Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 270 page
background image
DS14258 Rev 5
205/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
3. This frequency is the analog ADC specification, it must respect the value in Table 21.
4. These values are valid on BGA packages.
5. Depending upon the package, VREF+ can be internally connected to VDDA, and VREF- to VSSA.
6. The tolerance is two LSBs for 12-bit, 10-bit and 8-bit resolutions, otherwise specified.
Table 96. Minimum sampling time versus RAIN(1)(2)
Resolution
RAIN (Ω)
Minimum sampling time (s)
Fast channel
Slow channel(3)
12 bits
47
3.75E-08
6.12E-08
68
3.94E-08
6.25E-08
100
4.36E-08
6.51E-08
150
5.11E-08
7.00E-08
220
6.54E-08
7.86E-08
330
8.80E-08
9.57E-08
470
1.17E-07
1.23E-07
680
1.60E-07
1.65E-07
10 bits
47
3.19E-08
5.17E-08
68
3.35E-08
5.28E-08
100
3.66E-08
5.45E-08
150
4.35E-08
5.83E-08
220
5.43E-08
6.50E-08
330
7.18E-08
7.89E-08
470
9.46E-08
1.00E-07
680
1.28E-07
1.33E-07
1000
1.81E-07
1.83E-07
1500
2.63E-07
2.63E-07
2200
3.79E-07
3.76E-07
3300
5.57E-07
5.52E-07