Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562RG Datasheet(PDF) 102 Page - STMicroelectronics

No. de pieza STM32H562RG
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 98Page - STMicroelectronics STM32H562RG Datasheet HTML 99Page - STMicroelectronics STM32H562RG Datasheet HTML 100Page - STMicroelectronics STM32H562RG Datasheet HTML 101Page - STMicroelectronics STM32H562RG Datasheet HTML 102Page - STMicroelectronics STM32H562RG Datasheet HTML 103Page - STMicroelectronics STM32H562RG Datasheet HTML 104Page - STMicroelectronics STM32H562RG Datasheet HTML 105Page - STMicroelectronics STM32H562RG Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 270 page
background image
4. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function depends upon the content of the RTC registers that are not reset by the system
reset. For details on how to manage these GPIOs, refer to the backup domain and RTC register descriptions in the product reference manual.
5. As a tamper input, only PC13, PI8, PA0, PA1, and PA2 are functional in Standby and VBAT mode. As a tamper output, only PC13, PA1, and PI8 are functional in Standby and
VBAT mode.
6. For the output timing characteristics refer to Table 67.
7. After reset, these pins are configured as JTAG/SW debug alternate functions. The internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are
activated too.