Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H562AI Datasheet(PDF) 119 Page - STMicroelectronics

No. de pieza STM32H562AI
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 115Page - STMicroelectronics STM32H562AI Datasheet HTML 116Page - STMicroelectronics STM32H562AI Datasheet HTML 117Page - STMicroelectronics STM32H562AI Datasheet HTML 118Page - STMicroelectronics STM32H562AI Datasheet HTML 119Page - STMicroelectronics STM32H562AI Datasheet HTML 120Page - STMicroelectronics STM32H562AI Datasheet HTML 121Page - STMicroelectronics STM32H562AI Datasheet HTML 122Page - STMicroelectronics STM32H562AI Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 270 page
background image
H
PH0
-
-
-
-
-
-
-
EVENTOUT
PH1
-
-
-
-
-
-
-
EVENTOUT
PH2
-
OCTOSPI1_IO4
SAI2_SCK_B
ETH_MII_CRS
FMC_SDCKE0
-
-
EVENTOUT
PH3
-
OCTOSPI1_IO5
SAI2_MCLK_B
ETH_MII_COL
FMC_SDNE0
-
-
EVENTOUT
PH4
-
-
-
-
-
PSSI_D14
-
EVENTOUT
PH5
-
-
-
-
FMC_SDNWE
-
-
EVENTOUT
PH6
-
-
-
ETH_MII_RXD2
FMC_SDNE1
DCMI_D8/PSSI_D8
-
EVENTOUT
PH7
-
-
-
ETH_MII_RXD3
FMC_SDCKE1
DCMI_D9/PSSI_D9
-
EVENTOUT
PH8
-
-
-
-
-
DCMI_HSYNC/
PSSI_DE
-EVENTOUT
PH9
-
-
-
-
-
DCMI_D0/PSSI_D0
-
EVENTOUT
PH10
-
-
-
-
-
DCMI_D1/PSSI_D1
-
EVENTOUT
PH11
-
-
-
-
-
DCMI_D2/PSSI_D2
-
EVENTOUT
PH12
-
-
TIM8_CH4N
-
-
DCMI_D3/PSSI_D3
-
EVENTOUT
PH13
UART4_TX
FDCAN1_TX
-
-
-
DCMI_D3/PSSI_D3
-
EVENTOUT
PH14
UART4_RX
FDCAN1_RX
-
-
-
DCMI_D4/PSSI_D4
-
EVENTOUT
PH15
-
-
-
-
-
DCMI_D11/PSSI_D11
-
EVENTOUT
Table 16. Alternate functions AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS