Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M58PR256LE Datasheet(PDF) 117 Page - STMicroelectronics

No. de pieza M58PR256LE
Descripción Electrónicos  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE Datasheet(HTML) 117 Page - STMicroelectronics

Back Button M58PR256LE Datasheet HTML 111Page - STMicroelectronics M58PR256LE Datasheet HTML 112Page - STMicroelectronics M58PR256LE Datasheet HTML 113Page - STMicroelectronics M58PR256LE Datasheet HTML 114Page - STMicroelectronics M58PR256LE Datasheet HTML 115Page - STMicroelectronics M58PR256LE Datasheet HTML 116Page - STMicroelectronics M58PR256LE Datasheet HTML 117Page - STMicroelectronics M58PR256LE Datasheet HTML 118Page - STMicroelectronics M58PR256LE Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Command interface state tables
117/119
6
BEFP aborts when the block address is different from the first block address and data are
FFFFh.
7
BEFP Exit when block address is different from first block address and data are FFFFh.
8
During BP setup, while entering the number of words to be programmed and filling the
buffer, the read status of the partition does not change.
9
The BP confirm command changes the read status of the partition to Status Read.
10
Illegal commands are commands not defined in the command set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More