Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A3L:70DD.XX Datasheet(PDF) 2 Page - AEGIS SEMICONDUTORES LTDA

No. de pieza A3L:70DD.XX
Descripción Electrónicos  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AEGIS [AEGIS SEMICONDUTORES LTDA]
Página de inicio  
Logo AEGIS - AEGIS SEMICONDUTORES LTDA

A3L:70DD.XX Datasheet(HTML) 2 Page - AEGIS SEMICONDUTORES LTDA

  A3L:70DD.XX Datasheet HTML 1Page - AEGIS SEMICONDUTORES LTDA A3L:70DD.XX Datasheet HTML 2Page - AEGIS SEMICONDUTORES LTDA A3L:70DD.XX Datasheet HTML 3Page - AEGIS SEMICONDUTORES LTDA A3L:70DD.XX Datasheet HTML 4Page - AEGIS SEMICONDUTORES LTDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
O
O
O
O
O
O
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
O
O
O
CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX. UNITS
VFM Peak forward voltage
---
---
1.37
V
VF(TO)1 Low-level threshold
---
---
0.79
VF(TO)2 High-level threshold
---
---
0.87
rF1 Low-level resistance
---
---
1.65
rF2 High-level resistance
---
---
1.34
IRM Peak reverse current
---
---
10
mA
---
---
0.285
C/W
---
---
0.332
C/W
---
---
0.356
C/W
RthCS Thermal resistance,
case-to-sink
---
---
0.1
C/W
wt Weight
---
110(4)
---
g(oz.)
Case Style
TO-240AA
Mtg. Surface smooth, flat and greased.
---
---
TJ = 150 C
Av. power = VF(TO) *IF(AV) +rF *[IF(RMS)]
2
IFM =pxIF(AV),TJ =25C,tp= 400
ms square wave.
Use low values for IFM <
pI
F(AV)
TJ = 150 C. Max. rated VRRM
TEST CONDITIONS
RthJC Thermal resistance,
junction-to-case
V
m
W
Per junction, DC operation.
180 sine wave, double side
120 rectangular wave
0
10
20304050
607080
80
90
100
110
120
130
140
150
*Sinusoidal Waveform
180º
120º
90º
60º
30º
Maximum Allowable Case Temperature
Average Forward Current (A)
0
102030405060708090
60
70
80
90
100
110
120
130
140
150
*Rectangular Waveform
DC
180º
120º
90º
60º
30º
Maximum Allowable Case Temperature
Average Forward Current (A)
SEMICONDUTORES LTDA.
AEGIS
A3L:70DD.XX


Número de pieza similar - A3L:70DD.XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AEGIS SEMICONDUTORES LT...
A3L:70DT.XXI AEGIS-A3L:70DT.XXI Datasheet
309Kb / 4P
Diode-Thyristor Modules
More results

Descripción similar - A3L:70DD.XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
Diode-Diode Modules
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
SDD36 SIRECTIFIER-SDD36 Datasheet
533Kb / 4P
Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:250DD.XX AEGIS-A3L:250DD.XX Datasheet
272Kb / 4P
Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD120 SIRECTIFIER-SDD120 Datasheet
1,014Kb / 4P
Diode-Diode Modules
SDD60NXXB SIRECTIFIER-SDD60NXXB Datasheet
317Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com