Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IR333C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

No. de pieza IR333C
Descripción Electrónicos  5mm Infrared LED , T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR333C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR333C Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR333C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR333C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR333C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR333C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR333C Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR333C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 1 of 7
Device No:DIR-033-087
Prepared date:07-20-2005
Prepared by:Jaine Tsai
Technical Data Sheet
5mm Infrared LED , T-1 3/4
IR333C/H0/L10
Features
․High reliability
․High radiant intensity
․Peak wavelength λp=940nm
․2.54mm Lead spacing
․Low forward voltage
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․EVERLIGHT’S Infrared Emitting Diode(IR333C/H0/L10) is a
high intensity diode , molded in a water clear plastic package.
․The device is spectrally matched with phototransistor , photodiode
and infrared receiver module.
Applications
․Free air transmission system
․Infrared remote control units with high power requirement
․Smoke detector
․Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Water clear


Número de pieza similar - IR333C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
IR333C-A ETC2-IR333C-A Datasheet
145Kb / 8P
   5mm Infrared LED
logo
Everlight Electronics C...
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
IR333C-H0-L10 EVERLIGHT-IR333C-H0-L10 Datasheet
183Kb / 7P
   5mm Infrared LED , T-1 3/4
IR333C-H0-L10 EVERLIGHT-IR333C-H0-L10 Datasheet
271Kb / 8P
   5mm Infrared LED
IR333C-H0-L10 EVERLIGHT-IR333C-H0-L10_15 Datasheet
271Kb / 8P
   5mm Infrared LED
More results

Descripción similar - IR333C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
   5mm Infrared LED,T-1 3/4
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
   5mm Infrared LED,T-1 3/4
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com