Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C-100 Datasheet(PDF) 7 Page - Arista Networks, Inc

No. de pieza C-100
Descripción Electrónicos  Quick Start Guide C-100 Access Point
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARISTA [Arista Networks, Inc]
Página de inicio  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

C-100 Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button C-100 Datasheet HTML 3Page - Arista Networks, Inc C-100 Datasheet HTML 4Page - Arista Networks, Inc C-100 Datasheet HTML 5Page - Arista Networks, Inc C-100 Datasheet HTML 6Page - Arista Networks, Inc C-100 Datasheet HTML 7Page - Arista Networks, Inc C-100 Datasheet HTML 8Page - Arista Networks, Inc C-100 Datasheet HTML 9Page - Arista Networks, Inc C-100 Datasheet HTML 10Page - Arista Networks, Inc C-100 Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
C-100 | 3 - C-100 Overview | 6
LED
Status
Description
LAN1 /2
Solid Green
Enabled
Rear Panel of C-100
The rear panel of the C-100 provides an PoE Ethernet port that enables you to connect the device to a wired LAN through a
switch or a hub and power the device by using the 802.3af standard.
Figure 3: C-100 Rear Panel
Port
Description
Connector Type
Speed/Protocol
Ethernet (LAN1/PoE)
Gigabit Ethernet port used to connect
to the wired LAN and communicate
with the Arista Cloud or Server. This
port can also be used to power the
device using the 802.3af Power over
Ethernet (PoE) standard.
RJ45
• 10/100/1000 Mbps Gigabit
Ethernet
• 802.3af Class 0 PoE
• PoE input voltage: 48V
Ethernet (LAN2)
Gigabit Ethernet port that can be
used for wired extension for an SSID.
RJ45
10/100/1000 Mbps Gigabit Ethernet
Reset Pin Hole
Reset to factory default settings.
Pin hole push button
Hold down and power cycle the
device to reset.
DC IN
Enables you to connect to and power
on device using 12 V DC power with
1.5 ampere.
6.3 mm barrel
--
The Reset Pin Hole resets the C-100 device to factory defaults. To reset the device, press and hold the Reset Pin Hole for 10
sec until all LEDs go off which indicates that the device has rebooted. Pressing the Reset Pin Hole while the device is booting
up will not have any effect. You should perform this operation only when the device is running.
When you reset the device, the following settings are reset:
• Config shell password is reset to config.
• Server discovery value is erased and changed to the default, redirector.online.spectraguard.net (primary) and wifi-
security-server (secondary).
• All the VLAN configurations are lost.
• If static IP is configured on the device, the IP address is erased and DHCP mode is set. The factory default IP address of
the device is 169.254.11.74.


Número de pieza similar - C-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PREMO CORPORATION S.L
C-100-K PREMO-C-100-K Datasheet
192Kb / 1P
Coils and Chokes for general use
logo
Raltron Electronics Cor...
C-100.00-S-5OT-SMD RALTRON-C-100.00-S-5OT-SMD Datasheet
51Kb / 1P
HIGH ACCURACY SURFACE MOUNT CRYSTALS
logo
Tyco Electronics
C-100103 MACOM-C-100103 Datasheet
59Kb / 1P
Assembled with AMP-LATCH MIL-Type Recept
logo
List of Unclassifed Man...
C-1001E ETC1-C-1001E Datasheet
96Kb / 1P
SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-1001E-A PARALIGHT-C-1001E-A Datasheet
197Kb / 10P
1.00 INCH SINGLE DIGIT DISPLAY
More results

Descripción similar - C-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
DEMO9S08QG8 Quick Start Guide
logo
List of Unclassifed Man...
M52233DEMO ETC2-M52233DEMO Datasheet
489Kb / 16P
M52233DEMO ??Quick Start Guide
logo
NXP Semiconductors
UM10505 PHILIPS-UM10505 Datasheet
1Mb / 17P
OM11057 quick start guide
Rev. 2-10 April 2013
logo
Silicon Laboratories
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
Quick Start Guide
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
Quick Start Guide
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
Quick Start Guide
11/3/11
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
Quick Start Guide
UG6296 ; Rev 0; 6/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com