Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAC9271 Datasheet(PDF) 178 Page - Integrated Device Technology

No. de pieza STAC9271
Descripción Electrónicos  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 178 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 174Page - Integrated Device Technology STAC9271 Datasheet HTML 175Page - Integrated Device Technology STAC9271 Datasheet HTML 176Page - Integrated Device Technology STAC9271 Datasheet HTML 177Page - Integrated Device Technology STAC9271 Datasheet HTML 178Page - Integrated Device Technology STAC9271 Datasheet HTML 179Page - Integrated Device Technology STAC9271 Datasheet HTML 180Page - Integrated Device Technology STAC9271 Datasheet HTML 181Page - Integrated Device Technology STAC9271 Datasheet HTML 182Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
178
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.27.7. InPort2Mux ConLstEntry0
6.27.8. InPort2Mux ConLstEntry4
Table 433. InPort2Mux ConSelectCtrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd
R
0x0
Reserved
[3.:0]
Index
RW
0x0
Connection select control index.
(Default = Port E)
Table 434. InPort2Mux ConLstEntry0
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 435. InPort2Mux ConLstEntry0
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x0B
Port B
[23.:16]
ConL2
R
0x0F
Port F
[15.:8]
ConL1
R
0x12
CD In
[7.:0]
ConL0
R
0x0E
Port E (default)
Table 436. InPort2Mux ConLstEntry4
Command Verb Format
Verb ID
Payload
Response
Get
F02
04
See bitfield table.
Table 437. InPort2Mux ConLstEntry4
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL7
R
0x10
Port G
[23.:16]
ConL6
R
0x0A
Port A
[15.:8]
ConL5
R
0x0D
Port D
[7.:0]
ConL4
R
0x0C
Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More