Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC30F2012A-20E/SP Datasheet(PDF) 139 Page - Microchip Technology

No. de pieza DSPIC30F2012A-20E/SP
Descripción Electrónicos  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/SP Datasheet(HTML) 139 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/SP Datasheet HTML 135Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 136Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 137Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 138Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 139Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 140Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 141Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 142Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 137
dsPIC30F2011/2012/3012/3013
9BTG
BTG
f,#bit4
Bit Toggle f
1
1
None
BTG
Ws,#bit4
Bit Toggle Ws
1
1
None
10
BTSC
BTSC
f,#bit4
Bit Test f, Skip if Clear
1
1
(2 or 3)
None
BTSC
Ws,#bit4
Bit Test Ws, Skip if Clear
1
1
(2 or 3)
None
11
BTSS
BTSS
f,#bit4
Bit Test f, Skip if Set
1
1
(2 or 3)
None
BTSS
Ws,#bit4
Bit Test Ws, Skip if Set
1
1
(2 or 3)
None
12
BTST
BTST
f,#bit4
Bit Test f
1
1
Z
BTST.C
Ws,#bit4
Bit Test Ws to C
1
1
C
BTST.Z
Ws,#bit4
Bit Test Ws to Z
1
1
Z
BTST.C
Ws,Wb
Bit Test Ws<Wb> to C
1
1
C
BTST.Z
Ws,Wb
Bit Test Ws<Wb> to Z
1
1
Z
13
BTSTS
BTSTS
f,#bit4
Bit Test then Set f
1
1
Z
BTSTS.C
Ws,#bit4
Bit Test Ws to C, then Set
1
1
C
BTSTS.Z
Ws,#bit4
Bit Test Ws to Z, then Set
1
1
Z
14
CALL
CALL
lit23
Call subroutine
2
2
None
CALL
Wn
Call indirect subroutine
1
2
None
15
CLR
CLR
f
f = 0x0000
1
1
None
CLR
WREG
WREG = 0x0000
1
1
None
CLR
Ws
Ws = 0x0000
1
1
None
CLR
Acc,Wx,Wxd,Wy,Wyd,AWB
Clear Accumulator
1
1
OA,OB,SA,SB
16
CLRWDT
CLRWDT
Clear Watchdog Timer
1
1
WDTO,Sleep
17
COM
COM
f
f = f
11
N,Z
COM
f,WREG
WREG = f
11
N,Z
COM
Ws,Wd
Wd = Ws
11
N,Z
18
CP
CP
f
Compare f with WREG
1
1
C,DC,N,OV,Z
CP
Wb,#lit5
Compare Wb with lit5
1
1
C,DC,N,OV,Z
CP
Wb,Ws
Compare Wb with Ws (Wb - Ws)
1
1
C,DC,N,OV,Z
19
CP0
CP0
f
Compare f with 0x0000
1
1
C,DC,N,OV,Z
CP0
Ws
Compare Ws with 0x0000
1
1
C,DC,N,OV,Z
20
CPB
CPB
f
Compare f with WREG, with Borrow
1
1
C,DC,N,OV,Z
CPB
Wb,#lit5
Compare Wb with lit5, with Borrow
1
1
C,DC,N,OV,Z
CPB
Wb,Ws
Compare Wb with Ws, with Borrow
(Wb - Ws - C)
1
1
C,DC,N,OV,Z
21
CPSEQ
CPSEQ
Wb, Wn
Compare Wb with Wn, skip if =
1
1
(2 or 3)
None
22
CPSGT
CPSGT
Wb, Wn
Compare Wb with Wn, skip if >
1
1
(2 or 3)
None
23
CPSLT
CPSLT
Wb, Wn
Compare Wb with Wn, skip if <
1
1
(2 or 3)
None
24
CPSNE
CPSNE
Wb, Wn
Compare Wb with Wn, skip if
≠
11
(2 or 3)
None
25
DAW
DAW
Wn
Wn = decimal adjust Wn
1
1
C
26
DEC
DEC
f
f = f -1
1
1
C,DC,N,OV,Z
DEC
f,WREG
WREG = f -1
1
1
C,DC,N,OV,Z
DEC
Ws,Wd
Wd = Ws - 1
1
1
C,DC,N,OV,Z
27
DEC2
DEC2
f
f = f -2
1
1
C,DC,N,OV,Z
DEC2
f,WREG
WREG = f -2
1
1
C,DC,N,OV,Z
DEC2
Ws,Wd
Wd = Ws - 2
1
1
C,DC,N,OV,Z
28
DISI
DISI
#lit14
Disable Interrupts for k instruction cycles
1
1
None
TABLE 18-2:
INSTRUCTION SET OVERVIEW (CONTINUED)
Base
Instr
#
Assembly
Mnemonic
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected