| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC30F2012A20I/SP Datasheet(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20I/SP Datasheet(HTML) 153 Page - Microchip Technology |
|
153 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 151 dsPIC30F2011/2012/3012/3013 TABLE 20-9: DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS DC CHARACTERISTICS Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +85°C for Industrial -40°C ≤ TA ≤ +125°C for Extended Param No. Symbol Characteristic Min Typ(1) Max Units Conditions VOL Output Low Voltage(2) DO10 I/O ports — — 0.6 V IOL = 8.5 mA, VDD = 5V —— TBD V IOL = 2.0 mA, VDD = 3V DO16 OSC2/CLKO — — 0.6 V IOL = 1.6 mA, VDD = 5V (RC or EC Osc mode) — — TBD V IOL = 2.0 mA, VDD = 3V VOH Output High Voltage(2) DO20 I/O ports VDD – 0.7 — — V IOH = -3.0 mA, VDD = 5V TBD — — V IOH = -2.0 mA, VDD = 3V DO26 OSC2/CLKO VDD – 0.7 — — V IOH = -1.3 mA, VDD = 5V (RC or EC Osc mode) TBD — — V IOH = -2.0 mA, VDD = 3V Capacitive Loading Specs on Output Pins(2) DO50 COSC2 OSC2/SOSC2 pin — — 15 pF In XTL, XT, HS and LP modes when external clock is used to drive OSC1. DO56 CIO All I/O pins and OSC2 — — 50 pF RC or EC Osc mode DO58 CB SCL, SDA — — 400 pF In I2C mode Note 1: Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and are not tested. 2: These parameters are characterized but not tested in manufacturing. |