Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AL1101 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza AL1101
Descripción Electrónicos  24-Bit Analog-to-Digital Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

AL1101 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AL1101 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.wavefrontsemi.com
6
Digital High Pass Output Filter
The AL1101 has an internal 2.5Hz single pole digital filter, which removes any offset present in
the internal amplifiers and prevents DC codes from appearing at the data outputs. The response
of the filter is -0.067dB at 20Hz.
Clock Generator and PLL
The AL1101 contains an internal PLL that locks to the rising edge of WDCLK and produces all
necessary high frequency clocks and timing signals to operate the device. This high quality PLL
will reject any high-frequency jitter on the incoming wordclock (jitter rejection corner at
approximately 4kHz).
The PLL allows a simplified user interface and eliminates the need of running high frequency
clocks to the part on PCB traces. This reduces unwanted RF noise and coupling problems that
can occur when such clock signals are required on input pins for a device.
Reference and MID
The differential potential between the REF+ and REF- pins (connected to +5V and GND
respectively) determines the amount of charge that is added to or removed from the modulator’s
first stage during each input sample period (64*Fs).
It is very important that REF+ is well
bypassed to REF- (0.1
µF ceramic capacitor as close as possible to the pins) to remove the
unwanted effects of high frequency noise.
The MID potential is developed on-chip (VA/2 Volts) and is used to bias the internal amplifiers in
the modulator, and to provide the reference point which determines the polarity of the modulator
output. It requires a 0.1
µF bypass capacitor to GND at the pin. No load current should be
taken from the MID pin.
Power Supplies and Ground
A single low-impedance +5V supply is all that is required to achieve the specified performance.
A +5V supply plane on the PCB is recommended if possible.
VA and VD may be directly
connected to +5V, and REF+ should be isolated with a 1k
Ω resistor to +5V.
A single low impedance ground plane can be used for all GND connections, simplifying PCB
layout. Each supply pin should be bypassed to GND with a 0.1
µF ceramic capacitor positioned
as close to the pins as possible.


Número de pieza similar - AL1101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richco, Inc.
AL11 RICHCO-AL11 Datasheet
52Kb / 1P
   CABLE CLAMPS, ALUMINUM
01-18-95
More results

Descripción similar - AL1101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8