Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet(PDF) 1 Page - Turck, Inc.

No. de pieza U-04781
Descripción Electrónicos  Contactless EncoderIncremental: 64 ppr Premium Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U-04781 Datasheet(HTML) 1 Page - Turck, Inc.

  U-04781 Datasheet HTML 1Page - Turck, Inc. U-04781 Datasheet HTML 2Page - Turck, Inc. U-04781 Datasheet HTML 3Page - Turck, Inc. U-04781 Datasheet HTML 4Page - Turck, Inc. U-04781 Datasheet HTML 5Page - Turck, Inc. U-04781 Datasheet HTML 6Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|6
RI360P0-QR24M0-0064X2-H1181
Contactless Encoder – Incremental: 64 ppr
Premium Line
Technical data
Type
RI360P0-QR24M0-0064X2-H1181
ID
1593107
Measuring principle
Inductive
General data
 
Max. Rotational Speed
10000 rpm
Determined with standardized
construction, with a steel shaft Ø 20 mm, L
= 50 mm and reducer Ø 20 mm
Starting torque shaft load (radial / axial)
not applicable, because of contactless
measuring principle
Nominal distance
1.5 mm
Repeat accuracy
≤ 0.01 % of full scale
Linearity deviation
≤ 0.05 % f.s.
Temperature drift
≤ ± 0.003 %/K
Output type
Incremental
Resolution, incremental
64  ppr
Electrical data
 
Operating voltage
10…30  VDC
Residual ripple
≤ 10 % U
ss
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Wire breakage/Reverse polarity protection yes / yes (voltage supply)
Pulse frequency max.
200 kHz
Signal level high
min. U
B
- 2 V
Features
■Compact, rugged housing
■Many mounting possibilities
■Status displayed via LED
■Immune to electromagnetic interference
■Position of z-track can be set via Easy-Teach
■Burst function, absolute angular position
output incrementally via Easy-Teach pulse
■10…30 VDC
■Male M12 x 1, 8-pin
■Push-pull A, B, Z, A (inverse), B (inverse)
Wiring diagram


Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
More results

Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035-T AMSCO-AS5035-T Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_1 Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035 Datasheet
58Kb / 1P
8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-601B AVAGO-AEAT-601B Datasheet
262Kb / 5P
Incremental Magnetic Encoder Contactless sensing technology
logo
Vishay Siliconix
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
Revision: 20-Mar-07
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com