Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet(PDF) 4 Page - Turck, Inc.

No. de pieza U-04781
Descripción Electrónicos  Contactless EncoderSSI Premium Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U-04781 Datasheet(HTML) 4 Page - Turck, Inc.

  U-04781 Datasheet HTML 1Page - Turck, Inc. U-04781 Datasheet HTML 2Page - Turck, Inc. U-04781 Datasheet HTML 3Page - Turck, Inc. U-04781 Datasheet HTML 4Page - Turck, Inc. U-04781 Datasheet HTML 5Page - Turck, Inc. U-04781 Datasheet HTML 6Page - Turck, Inc. U-04781 Datasheet HTML 7Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
4|7
Mounting instructions
Mounting instructions/Description
Extensive range of mounting accessories
for easy adaptation to many different shaft
diameters. Based on the functional principle
of RLC coupling, the encoder is immune
to magnetized metal splinters and other
interferences.
The adjacent figure shows the two separate
units, sensor and positioning element.
Mounting option A:
First, interconnect positioning element and
rotatable shaft with the bracket. Then place the
encoder above the rotating part in such a way
that you get a tight and protected unit.
Mounting option B:
Push the encoder on the back site of the shaft
and fasten it to the machine. Then clamp
the positioning element to the shaft with the
bracket.
Mounting option C:
If the positioning element is screwed on a
rotating machine part and not to a shaft, you
must first put on the dummy plug RA8-QR24.
Then tie up the bracket. Screw on the encoder
via the three bores.
 
When mounting, ensure that the positioning
element is correctly aligned towards the
sensor's active face. For correct fitting see
arrow on the edge of the positioning element.
(Arrow must point in direction of sensor)
 
Due to the separate installation of positioning
element and sensor no electrical currents or
harmful mechanical forces are transmitted via
the shaft to the sensor. The encoder also offers
a high degree of protection for life and stays
permanently sealed.
The accessories enclosed in the delivery help
to mount encoder and positioning element at an
optimal distance from each other. LEDs indicate
the switching status. Optionally, you can use
the shield plates which are included in the
accessories to increase the allowed distance
between positioning element and sensor.
 
Status display via LED
green
Sensor is supplied correctly, asynchronous
mode
green flashing
Sensor is supplied properly, synchronous mode
green fast flashing:
Sensor is supplied properly but is not receiving
CLK pulses from the SSI master
yellow
Positioning element is in the measuring range,
signal low (e.g. distance too large), see status
bit 23
yellow flashing
Positioning element is outside the coverage,
see status bit 24
off
Positioning element is in the measuring range
 
Multiturn error


Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
More results

Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-601B AVAGO-AEAT-601B Datasheet
262Kb / 5P
Incremental Magnetic Encoder Contactless sensing technology
logo
NHP Electrical Engineer...
1734-SSI NHP-1734-SSI Datasheet
482Kb / 1P
POINT I/O SSI ABSOLUTE ENCODER INTERFACE MODULE
7 June 2023,
logo
Agilent(Hewlett-Packard...
HEDL-550X HP-HEDL-550X Datasheet
73Kb / 4P
Encoder Line Drivers
HEDL-550 HP-HEDL-550 Datasheet
79Kb / 4P
Encoder Line Drivers
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-556X AVAGO-HEDL-556X Datasheet
179Kb / 4P
Encoder Line Drivers
HEDL-550X AVAGO-HEDL-550X Datasheet
123Kb / 4P
Encoder Line Drivers
logo
Vishay Siliconix
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
Revision: 20-Mar-07
logo
ams AG
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com