Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet(PDF) 2 Page - Turck, Inc.

No. de pieza U-04781
Descripción Electrónicos  Contactless EncoderSSI Premium Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U-04781 Datasheet(HTML) 2 Page - Turck, Inc.

  U-04781 Datasheet HTML 1Page - Turck, Inc. U-04781 Datasheet HTML 2Page - Turck, Inc. U-04781 Datasheet HTML 3Page - Turck, Inc. U-04781 Datasheet HTML 4Page - Turck, Inc. U-04781 Datasheet HTML 5Page - Turck, Inc. U-04781 Datasheet HTML 6Page - Turck, Inc. U-04781 Datasheet HTML 7Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|7
Technical data
Communication protocol
SSi
Output function
8-pin, 25 Bit, Gray coded
Process data area
configurable
Diagnostic bits
Bit 22: Position was changed during power
drop
Bit 23: Positioning element has reached
the end of the measuring range. This is
indicated by a lower signal quality.
Bit 24: Positioning element is outside the
measuring range.
Data messages parametrizable as
multiturn and singleturn process data or
error bits
Sample rate
5000 Hz
The sensor's sampling rate depends on
the master's SSI cycle time. Sampling rate
1…5 KHz in synchronized operating mode
(signal propagation delay 200 µs)
Current consumption
< 100 mA
Mechanical data
 
Design
QR24
Dimensions
81 x 78 x 24  mm
Flange type
Flange without mounting element
Shaft Type
Hollow shaft
Shaft diameter D [mm]
6
6.35
9.525
10
12
12.7
14
15.875
19.05
20
Housing material
Metal/plastic, ZnAlCu1/PBT-GF30-V0
Electrical connection
Connector, M12 × 1
Environmental conditions
 
Ambient temperature
-25…+85  °C
Acc. to UL approval to +70 °C
Vibration resistance
55 Hz (1 mm)
Vibration resistance (EN 60068-2-6)
20 g; 10…3000 Hz; 50 cycles; 3 axes
Shock resistance (EN 60068-2-27)
100 g; 11 ms ½ sine; 3 × each; 3 axes
Continuous shock resistance (EN
60068-2-29)
40 g; 6 ms ½ sine; 4000 × each; 3 axes
Protection class
IP68
IP69K
Functional principle
The measuring principle of inductive encoders
is based on oscillation circuit coupling
between the positioning element and the
sensor, whereby an output signal is provided
proportional to the angle of the positioning
element. Turck refers to semi-multiturn because
the multiturn process data is calculated
internally from the number of single-turn
zero passes. Because the sensor does not
detect any revolutions when not supplied
with power, the plausibility of the multiturn
process data is indicated by a diagnostic
bit. The rugged sensors are maintenance-
and wear-free thanks to the contactless
operating principle. They convince through
their excellent repeatability, resolution and
linearity within a broad temperature range. The
innovative technology ensures high immunity to
electromagnetic DC and AC fields.


Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
More results

Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-601B AVAGO-AEAT-601B Datasheet
262Kb / 5P
Incremental Magnetic Encoder Contactless sensing technology
logo
NHP Electrical Engineer...
1734-SSI NHP-1734-SSI Datasheet
482Kb / 1P
POINT I/O SSI ABSOLUTE ENCODER INTERFACE MODULE
7 June 2023,
logo
Agilent(Hewlett-Packard...
HEDL-550X HP-HEDL-550X Datasheet
73Kb / 4P
Encoder Line Drivers
HEDL-550 HP-HEDL-550 Datasheet
79Kb / 4P
Encoder Line Drivers
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-556X AVAGO-HEDL-556X Datasheet
179Kb / 4P
Encoder Line Drivers
HEDL-550X AVAGO-HEDL-550X Datasheet
123Kb / 4P
Encoder Line Drivers
logo
Vishay Siliconix
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
Revision: 20-Mar-07
logo
ams AG
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com