Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet(PDF) 1 Page - Turck, Inc.

No. de pieza U-04781
Descripción Electrónicos  Contactless EncoderSSI Premium Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U-04781 Datasheet(HTML) 1 Page - Turck, Inc.

  U-04781 Datasheet HTML 1Page - Turck, Inc. U-04781 Datasheet HTML 2Page - Turck, Inc. U-04781 Datasheet HTML 3Page - Turck, Inc. U-04781 Datasheet HTML 4Page - Turck, Inc. U-04781 Datasheet HTML 5Page - Turck, Inc. U-04781 Datasheet HTML 6Page - Turck, Inc. U-04781 Datasheet HTML 7Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|7
RI360P0-QR24M0-HESG25X3-H1181
Contactless Encoder – SSI
Premium Line
Technical data
Type
RI360P0-QR24M0-HESG25X3-H1181
ID
1590905
Measuring principle
Inductive
General data
 
Max. Rotational Speed
6000 rpm
Determined with standardized
construction, with a steel shaft Ø 20 mm, L
= 50 mm and reducer Ø 20 mm
Starting torque shaft load (radial / axial)
not applicable, because of contactless
measuring principle
Measuring range
0…360 °
Nominal distance
1.5 mm
Repeat accuracy
≤ 0.01 % of full scale
Linearity deviation
≤ 0.05 % f.s.
Temperature drift
≤ ± 0.003 %/K
Output type
Absolute semi-multiturn
Resolution singleturn
16 bit/65,536 units per revolution
Resolution multiturn
6 bit/64 revolutions
Number of diagnostic bits
3  Bit
Electrical data
 
Operating voltage
15…30  VDC
Residual ripple
≤ 10 % U
ss
Isolation test voltage
≤ 0.5 kV
Wire breakage/Reverse polarity protection yes (voltage supply)
Features
■Compact, rugged housing
■Many mounting possibilities
■Status displayed via LED
■Positioning element and aluminium ring not
incl.
■SSI output
■25 bit, Gray-coded
■SSI clock rate: 62.5 KHz … 1 MHz
■Single or multiturn, length of data frame and
bit coding parametrizable via PACTware
with programming box USB-2-IOL-0002 and
adapter cable RKC8.302T-1,5-RSC4T/TX320
■Default settings: Singleturn Bit 0 … Bit 15,
Multiturn Bit 16 … Bit 21, Status Bit 22 … Bit
24
■Zero point, sync./async. operating mode
adjustable via Easy Teach
■Compatible with all standard SSI masters
■In sync. mode, jitter < 5 µs required on the
master side
■Immune to electromagnetic interference
■15…30 VDC
■Male M12 x 1, 8-pin
Wiring diagram


Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
More results

Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-601B AVAGO-AEAT-601B Datasheet
262Kb / 5P
Incremental Magnetic Encoder Contactless sensing technology
logo
NHP Electrical Engineer...
1734-SSI NHP-1734-SSI Datasheet
482Kb / 1P
POINT I/O SSI ABSOLUTE ENCODER INTERFACE MODULE
7 June 2023,
logo
Agilent(Hewlett-Packard...
HEDL-550X HP-HEDL-550X Datasheet
73Kb / 4P
Encoder Line Drivers
HEDL-550 HP-HEDL-550 Datasheet
79Kb / 4P
Encoder Line Drivers
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-556X AVAGO-HEDL-556X Datasheet
179Kb / 4P
Encoder Line Drivers
HEDL-550X AVAGO-HEDL-550X Datasheet
123Kb / 4P
Encoder Line Drivers
logo
Vishay Siliconix
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
Revision: 20-Mar-07
logo
ams AG
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com