Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet(PDF) 1 Page - Turck, Inc.

No. de pieza U-04781
Descripción Electrónicos  Inductive Linear Position Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U-04781 Datasheet(HTML) 1 Page - Turck, Inc.

  U-04781 Datasheet HTML 1Page - Turck, Inc. U-04781 Datasheet HTML 2Page - Turck, Inc. U-04781 Datasheet HTML 3Page - Turck, Inc. U-04781 Datasheet HTML 4Page - Turck, Inc. U-04781 Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|5
LI300P0-Q25LM0-HESG25X3-H1181
Inductive Linear Position Sensor
Technical data
Type
LI300P0-Q25LM0-HESG25X3-H1181
ID
1590203
Measuring principle
Inductive
General data
 
Measuring range
300  mm
Resolution
0.001 mm
Nominal distance
1.5 mm
Blind zone a
29  mm
Blind zone b
29  mm
Reproducibility
≤ 18  µm
Linearity deviation
≤ 0.07 % f.s.
Temperature drift
≤ ± 0.0001 %/K
Hysteresis
not applied
Electrical data
 
Operating voltage
15…30  VDC
Residual ripple
≤ 10 % U
ss
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes
Wire breakage/Reverse polarity protection yes / yes (voltage supply)
Communication protocol
SSi
Output function
8-pin, 25 Bit, Gray, synchronous
Process data area
Bit 0 … Bit 19
Diagnostic bits
Bit 21: Positioning element left the
measuring range and is outside the
detectable area.
Features
■Rectangular, aluminium / plastic
■Versatile mounting possibilities
■Measuring range displayed via LED
■Immune to electromagnetic interference
■Extremely short blind zones
■Resolution 0.001 mm
■15…30 VDC
■Male M12 x 1, 8-pin
■SSI output
■25 bit, Gray-coded, synchronous
■SSI clock rate: 62.5 kHz … 1 MHz
Wiring diagram
Functional principle


Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 7P
Contactless Encoder – SSI Premium Line
11/07/2023
More results

Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
Renesas Technology Corp
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
Inductive Position Sensor IC
Aug.5.22
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
IPS2550 RENESAS-IPS2550 Datasheet
1Mb / 53P
Inductive Position Sensor IC
June 20, 2022
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
Inductive Position Sensor IC
July 21, 2020
logo
Integrated Device Techn...
ZMID5201 IDT-ZMID5201 Datasheet
987Kb / 30P
Inductive Position Sensor IC
logo
Honeywell Solid State E...
HMR4001 HONEYWELL-HMR4001 Datasheet
200Kb / 4P
LINEAR POSITION SENSOR MODULE
HMR4007 HONEYWELL-HMR4007 Datasheet
316Kb / 4P
LINEAR POSITION SENSOR MODULE
logo
MultiDimension Technolo...
LPS-TMR125B4 MULTIDIMENSION-LPS-TMR125B4 Datasheet
545Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
LPS-TMR125A4 MULTIDIMENSION-LPS-TMR125A4 Datasheet
547Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com