Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet(PDF) 2 Page - Turck, Inc.

No. de pieza U-04781
Descripción Electrónicos  Inductive Linear Position Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U-04781 Datasheet(HTML) 2 Page - Turck, Inc.

  U-04781 Datasheet HTML 1Page - Turck, Inc. U-04781 Datasheet HTML 2Page - Turck, Inc. U-04781 Datasheet HTML 3Page - Turck, Inc. U-04781 Datasheet HTML 4Page - Turck, Inc. U-04781 Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|5
Technical data
Bit 22: Positioning element is in the
measuring range, lower signal quality (e.g.
distance too large)
Bit 23: Positioning element is outside the
measuring range
Bit 24: synchronous operation active
Sample rate
5000 Hz
The sensor's sampling rate depends on the
master's SSI cycle time. Sampling rate 1…
5 KHz in synchronized operating mode
Current consumption
< 50 mA
Mechanical data
 
Design
Profile, Q25L
Dimensions
158 x 35 x 25  mm
Housing material
Aluminum/plastic, PA6-GF30, Anodized
Active area material
Plastic, PA6-GF30
Electrical connection
Connector, M12 × 1
Environmental conditions
 
Ambient temperature
-25…+70  °C
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
MTTF
138  years
Power-on indication
LED, Green
Measuring range display
multifunction LED, green, yellow, yellow
flashing
The measuring principle of linear position
sensors is based on RLC coupling between the
positioning element and the sensor, whereby
an output signal is provided proportional to the
position of the positioning element. The rugged
sensors are wear and tear-free, thanks to the
contactless operating principle. They convince
through their excellent repeatability, resolution
and linearity within a broad temperature range.
The innovative technology ensures a high
immunity to electromagnetic DC and AC fields.


Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 7P
Contactless Encoder – SSI Premium Line
11/07/2023
More results

Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
Renesas Technology Corp
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
Inductive Position Sensor IC
Aug.5.22
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
IPS2550 RENESAS-IPS2550 Datasheet
1Mb / 53P
Inductive Position Sensor IC
June 20, 2022
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
Inductive Position Sensor IC
July 21, 2020
logo
Integrated Device Techn...
ZMID5201 IDT-ZMID5201 Datasheet
987Kb / 30P
Inductive Position Sensor IC
logo
Honeywell Solid State E...
HMR4001 HONEYWELL-HMR4001 Datasheet
200Kb / 4P
LINEAR POSITION SENSOR MODULE
HMR4007 HONEYWELL-HMR4007 Datasheet
316Kb / 4P
LINEAR POSITION SENSOR MODULE
logo
MultiDimension Technolo...
LPS-TMR125B4 MULTIDIMENSION-LPS-TMR125B4 Datasheet
545Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
LPS-TMR125A4 MULTIDIMENSION-LPS-TMR125A4 Datasheet
547Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com