![]() |
Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ULN2803APG Datasheet(PDF) 6 Page - Toshiba Semiconductor |
|
|
ULN2803APG Datasheet(HTML) 6 Page - Toshiba Semiconductor |
6 / 12 page ![]() ULN2803,04APG/AFWG 2006-02-15 6 8. tON, tOFF Note 1: Pulse Width 50 µs, Duty Cycle 10% Output Impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns Note 2: See below. Input Condition Type Number R1 VIH ULN2803A 0Ω 3 V ULN2804A 0Ω 8 V Note 3: CL includes probe and jig capacitance Precautions for Using This IC does not integrate protection circuits such as overcurrent and overvoltage protectors. Thus, if excess current or voltage is applied to the IC, the IC may be damaged. Please design the IC so that excess current or voltage will not be applied to the IC. Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed due to short−circuit between outputs, air contamination fault, or fault by improper grounding. |
Número de pieza similar - ULN2803APG |
|
Descripción similar - ULN2803APG |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |