![]() |
Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
J-300 Datasheet(PDF) 2 Page - NTE Electronics |
|
|
J-300 Datasheet(HTML) 2 Page - NTE Electronics |
2 / 3 page ![]() HAZARDOUS DECOMPOSITION PRODUCTS: May produce carbon monoxide when oxidized with a deficiency of oxygen. 4. FIRE AND EXPLOSION DATA FLAMMABILITY CATRGORY: Extremely Flammable (reference – Consumer Product Commission, flame projection test aerosol products, per 16CFR 1500.45 FLASH POINT Less than –117 deg F FLAMMABLE LIMITS: LEL % 1.8 UEL % 8.4 EXTINGUISHING MEDIA: If feasible stop flow of gas. Use water to cool fired exposed cartridge, and surroundings and to protect personnel working on shut-off. Water spray, dry power or carbon dioxide can be directed at flame area if gas flow cannot be stopped to reduce fire intensity. DO NOT COMPLETELY EXTINGUISH FLAME UNLESS GAS FLOW HAS BEEN SHUT OFF. SPECIAL FIRE FIGHTING PROCEDURES: Avoid possible accumulation of vapors at floor level, as vapor is heavier than air. Self-contained breathing apparatus and protective clothing should be worn in fighting fires involving chemicals. This product is extremely flammable at all times. Keep away from any sources of inadvertent ignition, including heat, sparks, or flame. UNUSUAL FIRE AND EXPLOSION HAZZARDS: Avoid possible bursting of cartridge. Don not store where temperature may exceed 120 deg. F. Don not puncture or incinerate. 5. PRECAUTIONS FOR SAFE HANDLING AND USE STEPS TO TAKE IN CASE OF SPILL: Protect from ignition source, keep away from heat, fire, sparks, or flame. Ventilate area well. Avoid accumulation of vapor at low levels. WASTE DISPOSAL METHOD: Dispose of at appropriate waste facility in accordance with regulations. PRECAUTIONS IN STORAGE: Do not store where temperature may exceed 120 deg. F. Store away from fire, sparks, or flame. Store in suitable area for hazardous materials storage. |
Número de pieza similar - J-300 |
|
Descripción similar - J-300 |
|
|
Enlace URL |