Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F30PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74F30PC
Descripción Electrónicos  8-Input NAND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F30PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F30PC Datasheet HTML 1Page - Fairchild Semiconductor 74F30PC Datasheet HTML 2Page - Fairchild Semiconductor 74F30PC Datasheet HTML 3Page - Fairchild Semiconductor 74F30PC Datasheet HTML 4Page - Fairchild Semiconductor 74F30PC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 Fairchild Semiconductor Corporation
DS009560
www.fairchildsemi.com
April 1988
Revised January 2004
74F30
8-Input NAND Gate
General Description
This device contains a single gate, which performs the
logic NAND function.
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Unit Loading/Fan Out
Connection Diagram
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Order Number
Package Number
Package Description
74F30SC
(Note 1)
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74F30SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F30PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
A0–A7
Inputs
1.0/1.0
20
µA/−0.6 mA
O
Output
50/33.3
−1 mA/20 mA
Inputs
Output
A0
A1
A2
A3
A4
A5
A6
A7
O
L
XXX
XXX
X
H
X
L
XX
XXX
X
H
X
X
L
X
XXX
X
H
X
X
X
L
XXX
X
H
X
XXX
L
X
X
X
H
X
XXX
X
L
X
X
H
X
XXX
XX
L
X
H
X
XXX
XXX
L
H
HHH
HHH
HH
L


Número de pieza similar - 74F30PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74F30PC FAIRCHILD-74F30PC Datasheet
48Kb / 4P
8-Input NAND Gate
More results

Descripción similar - 74F30PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
8-input NAND Gate
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
8-Input NAND Gate
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com