Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72262G2 Datasheet(PDF) 164 Page - STMicroelectronics

No. de pieza ST72262G2
Descripción Electrónicos  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72262G2 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST72262G2 Datasheet HTML 160Page - STMicroelectronics ST72262G2 Datasheet HTML 161Page - STMicroelectronics ST72262G2 Datasheet HTML 162Page - STMicroelectronics ST72262G2 Datasheet HTML 163Page - STMicroelectronics ST72262G2 Datasheet HTML 164Page - STMicroelectronics ST72262G2 Datasheet HTML 165Page - STMicroelectronics ST72262G2 Datasheet HTML 166Page - STMicroelectronics ST72262G2 Datasheet HTML 167Page - STMicroelectronics ST72262G2 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
164/172
15.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM/FAS-
TROM contents and the list of the selected options
(if any). The ROM/FASTROM contents are to be
sent on diskette, or by electronic means, with the
S19 hexadecimal file generated by the develop-
ment tool. All unused bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly completed
OPTION LIST appended.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 28. Supported Part Numbers
Part Number
Program Memory
(Bytes)
RAM
(Bytes)
Temp. Range
Package
ST72F264G1B6
4K FLASH
256
-40°C +85°C
SDIP32
ST72F264G1M6
SO28
ST72F262G1B6
SDIP32
ST72F262G1M6
SO28
ST72F264G2B6
8K FLASH
256
SDIP32
ST72F264G2M6
SO28
ST72F264G2H1
0°C +70°C
LFBGA
ST72F264G2H6E
-40°C +85°C
lead-free LFBGA
ST72F262G2B6
-40°C +85°C
SDIP32
ST72F262G2M6
SO28
ST72F262G1B6
4K FLASH
256
SDIP32
ST72F262G1M6
SO28
ST72F260G1B6
SDIP32
ST72F260G1M6
SO28
ST72P264G2B6/xxx
8K FASTROM
256
-40°C +85°C
SDIP32
ST72P264G2M6/xxx
SO28
ST72P264G2H1/xxx
0°C +70°C
LFBGA
ST72P262G2B6/xxx
-40°C +85°C
SDIP32
ST72P262G2M6/xxx
SO28
ST72P262G1B6/xxx
4K FASTROM
256
SDIP32
ST72P262G1M6/xxx
SO28
ST72P260G1B6/xxx
SDIP32
ST72P260G1M6/xxx
SO28
ST72264G2B6/xxx
8K ROM
256
-40°C +85°C
SDIP32
ST72264G2M6/xxx
SO28
ST72262G2B6/xxx
SDIP32
ST72262G2M6/xxx
SO28
ST72262G1B6/xxx
4K ROM
256
SDIP32
ST72262G1M6/xxx
SO28
ST72260G1B6/xxx
SDIP32
ST72260G1M6/xxx
SO28
1