| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD17062 Datasheet(PDF) 106 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Datasheet(HTML) 106 Page - Renesas Technology Corp |
|
106 / 298 page ![]() 104 µPD17062 10.6 PRECAUTIONS WHEN USING DATA BUFFERS 10.6.1 Write Only, Read Only, and Unused Address Data Buffer Precautions When the 17K series assembler and emulator are used for data transfer with peripheral hardware via the data buffer, note the following regarding unused peripheral addresses and write only (PUT only) and read only (GET only) peripheral registers. (1) Device operation Reading from a write only peripheral register returns an unpredictable value. Writing to a read only register does not change its contents. Reading from an unused address returns an unpredictable value. Writing to an unused address does not change its contents. (2) When using an assembler An instruction that reads from a write only register generates an error. An instruction that writes to a read only register generates an error. An instruction that reads from or writes to an unused address generates an error. (3) When using an emulator (used to execute instructions by batch processing, etc.) Reading from a write only register returns an unpredictable value and does not generate an error. Writing to a read only register does not change its contents and does not generate an error. Reading from an unused address returns an unpredictable value. Writing to an unused address does not change its contents and does not generate an error. |