Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GWIXC1100BDT Datasheet(PDF) 108 Page - Intel Corporation

No. de pieza GWIXC1100BDT
Descripción Electrónicos  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXC1100BDT Datasheet(HTML) 108 Page - Intel Corporation

Back Button GWIXC1100BDT Datasheet HTML 104Page - Intel Corporation GWIXC1100BDT Datasheet HTML 105Page - Intel Corporation GWIXC1100BDT Datasheet HTML 106Page - Intel Corporation GWIXC1100BDT Datasheet HTML 107Page - Intel Corporation GWIXC1100BDT Datasheet HTML 108Page - Intel Corporation GWIXC1100BDT Datasheet HTML 109Page - Intel Corporation GWIXC1100BDT Datasheet HTML 110Page - Intel Corporation GWIXC1100BDT Datasheet HTML 111Page - Intel Corporation GWIXC1100BDT Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
108
Document Number: 252479, Revision: 005
Figure 32.
Motorola* Multiplexed Write Mode
EX_CLK
EX_CS_N[0]
EX_ADDR[23:0]
EX_RD_N
(exp_mot_rnw)
EX_ALE
EX_WR_N
(exp_mot_ds_n)
Valid Address
T
recov
EX_DATA[15:0]
T
dval2valds
T
ale2addrhold
T
dspulse
T
alepulse
T
ale2valcs
2-5 Cycles
ALE Extended
1-4 Cycles
1-16 Cycles
1-4 Cycles
1-16 Cycles
T1
T2
T3
T4
T5
EX_IOWAIT_N
B3752-001
Motorola* Multiplexed
Write Mode
Valid Data
Valid Address