Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Y-A1A Datasheet(PDF) 1 Page - Leach International Corporation

No. de pieza Y-A1A
Descripción Electrónicos  RELAYNONLATCH 4PDT, LOW LEVEL TO 5 AMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEACH [Leach International Corporation]
Página de inicio  https://leachcorp.com/
Logo LEACH - Leach International Corporation

Y-A1A Datasheet(HTML) 1 Page - Leach International Corporation

  Y-A1A Datasheet HTML 1Page - Leach International Corporation Y-A1A Datasheet HTML 2Page - Leach International Corporation Y-A1A Datasheet HTML 3Page - Leach International Corporation Y-A1A Datasheet HTML 4Page - Leach International Corporation Y-A1A Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Y SERIES
RELAY – NONLATCH
4PDT, LOW LEVEL TO 5 AMP
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 6/2019
1 / 5
• All welded construction
• Contact arrangement
4 PDT
• Qualified to
MIL-PRF-83536 /5 & /6
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated at
Low level, 28 Vdc and 115/200 Vac,
400Hz, 3Ø, case grounded
• Weight
0.058 lbs. max
• Dimensions
0.81 in x 0.81 in x 0.64 in
• Special models available upon request
• Hermetically sealed, corrosion resistant metal can
Applicable sockets:
SO-1066-001
SM-1002-003
Application Notes:
001
002
103A
007
023
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 Vdc
115 Vac, 400 Hz, 1Ø
115/200 Vac, 400 Hz, 3Ø
Resistive
5
5
5
Inductive [2]
3
5
5
Motor
2
3
3
Lamp
1
1
-
Overload
20
30
30
Rupture
25
40
40
Low level [3]
-
-
-
Time current characteristics [4]
-
-
-


Descripción similar - Y-A1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leach International Cor...
YA-A1F LEACH-YA-A1F Datasheet
711Kb / 5P
RELAY – NONLATCH – AC COIL 4PDT, LOW LEVEL TO 5 AMP
X-A1A LEACH-X-A1A Datasheet
563Kb / 5P
RELAY – NONLATCH 2PDT, LOW LEVEL TO 5 AMP
logo
List of Unclassifed Man...
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
logo
Leach International Cor...
YL-A1A LEACH-YL-A1A Datasheet
729Kb / 5P
RELAY – LATCH – DC COIL 4PDT, LOW LEVEL TO 5 AMP
YC-A1A LEACH-YC-A1A Datasheet
634Kb / 5P
RELAY – NONLATCH 3PDT, LOW LEVEL TO 10 AMP
YCA LEACH-YCA Datasheet
438Kb / 5P
RELAY - NONLATCH - AC COIL 3 PDT, LOW LEVEL TO 10 AMP
XA-A1F LEACH-XA-A1F Datasheet
536Kb / 5P
RELAY – NONLATCH 2PDT, 5 AMP, AC COIL
XL-A1A LEACH-XL-A1A Datasheet
458Kb / 5P
RELAY – LATCH 2PDT, LOW LEVEL TO 5 AMP
9330 LEACH-9330 Datasheet
375Kb / 6P
RELAY – NONLATCH 10 AMP, 2PDT
JS-D1A LEACH-JS-D1A Datasheet
772Kb / 5P
RELAY – NONLATCH 1PDT, 10 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com